Electronic Components Datasheet Search
  English  ▼

X  

ALQ07FM Datasheet(PDF) 8 Page - Astec America, Inc

Part # ALQ07FM
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM Datasheet(HTML) 8 Page - Astec America, Inc

Back Button ALQ07FM Datasheet HTML 4Page - Astec America, Inc ALQ07FM Datasheet HTML 5Page - Astec America, Inc ALQ07FM Datasheet HTML 6Page - Astec America, Inc ALQ07FM Datasheet HTML 7Page - Astec America, Inc ALQ07FM Datasheet HTML 8Page - Astec America, Inc ALQ07FM Datasheet HTML 9Page - Astec America, Inc ALQ07FM Datasheet HTML 10Page - Astec America, Inc ALQ07FM Datasheet HTML 11Page - Astec America, Inc ALQ07FM Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Output Specifications (Cont.)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Load Change from Io =
50% to 75% of
Io,max ,when the other
output current is 50%
Io.nom
All
-
-
-
5
%Vo
Peak Deviation Settling
Time (to Vo,nom)
All
-
-
-
200
µsec
Load Change from Io =
50% to 25% of
Io,max ,when the other
output current is 50%
Io.nom.
All
-
-
-
5
%Vo
Dynamic
Response*:
(
∆Io/∆t = 1A/µs;
VI = VI,nom ;
Ta = 25
°C)
Peak Deviation Settling
Time (to Vo,nom )
All
-
-
-
200
µsec
Turn-On Time
All
-
5
10
msec
Vo1
0
3
%Vo
Output Voltage Overshoot
(3.3V@6A,1.8V@4A,
3.3V@6A,1.5V@4A,
3.3V@6A,1.2V@4A
Ta = 25
°C)
All
Vo2
0
5
%Vo
Note:
The output capacitance 220uF+220uF tantalum (Each capacitor ESR<100m
Ω
)may be used to meet the specified dynamic response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com