Electronic Components Datasheet Search
  English  ▼

X  

ALQ07FM Datasheet(PDF) 9 Page - Astec America, Inc

Part # ALQ07FM
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM Datasheet(HTML) 9 Page - Astec America, Inc

Back Button ALQ07FM Datasheet HTML 5Page - Astec America, Inc ALQ07FM Datasheet HTML 6Page - Astec America, Inc ALQ07FM Datasheet HTML 7Page - Astec America, Inc ALQ07FM Datasheet HTML 8Page - Astec America, Inc ALQ07FM Datasheet HTML 9Page - Astec America, Inc ALQ07FM Datasheet HTML 10Page - Astec America, Inc ALQ07FM Datasheet HTML 11Page - Astec America, Inc ALQ07FM Datasheet HTML 12Page - Astec America, Inc ALQ07FM Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Feature Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Logic Low
All
-0.7
-
1.8
V
Enable pin
voltage
Logic High
All
3.5
-
12
V
Enable pin current (Logic Low)
All
-
-
2.0
mA
Output Voltage Adjustment Range
All
Vo2
80
-
110
%Vonom
Over Temperature Protect
All
T
101
115
℃
Output Over-voltage (latch)
All
Vo1
Vo2(1.8V)
Vo2(1.5V)
Vo2(1.2V)
3.90
2.20
1.80
1.45
-
-
-
-
5.00
2.60
2.26
1.80
V
V
V
V
Turn-on Point
All
-
31
34
36
V
Under-voltage
Lockout
Turn-off Point
All
-
30
33
35
V
Isolation Capacitance
All
-
-
1500
-
pF
Isolation Resistance
All
-
10
-
-
M
Ω
Calculated MTBF
(Io = Io,max ; Ta = 25
°C)
All
-
-
1,800,000
-
Hours
Weight
All
-
-
-
30
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com