Electronic Components Datasheet Search
  English  ▼

X  

ALQ07FM Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ07FM
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ07FM Datasheet HTML 1Page - Astec America, Inc ALQ07FM Datasheet HTML 2Page - Astec America, Inc ALQ07FM Datasheet HTML 3Page - Astec America, Inc ALQ07FM Datasheet HTML 4Page - Astec America, Inc ALQ07FM Datasheet HTML 5Page - Astec America, Inc ALQ07FM Datasheet HTML 6Page - Astec America, Inc ALQ07FM Datasheet HTML 7Page - Astec America, Inc ALQ07FM Datasheet HTML 8Page - Astec America, Inc ALQ07FM Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
ALQ07 DC-DC Converter
Technical Reference Notes
Industry Standard Size – 36-75V Input, 3.3V/1.8V, 3.3V/1.5V and 3.3V/1.2V dual Output
Industry Standard Size: 2.28”X 1.45’’ X 0.43’’package
Options
Choice of positive logic or negative logic for CNT function
Choice of short pins or long pins
Description
The ALQ07 series is a new open frame DC-DC converter. It is one of the most
effective options available in component power. The ALQ07 series uses an industry
standard package size: 36.8mm×57.9mm×10.9mm (2.28”x1.45”x0.43”) and
standard pin-out configuration, provides CNT and trim functions.
ALQ07 series comes in 48V input versions, each of which uses a 2:1 input range of
36~75V. The series can provide 3.3V@6A+1.8V@4A, 3.3V@6A+1.5V@4A and
3.3V@6A+1.2V@4A dual output, and output is isolated from input. And the
converters are capable of providing up to 30 watts of output power.
Features
•
2.28”X1.45’’ X0.43”package
•
Basic isolation
•
High power density
•
2:1 wide input of 36-75V
•
CNT function
•
Trim function
•
Input under-voltage lockout
•
Output over-current protection
•
Output over-voltage protection
•
Wide operating case temperature range


Similar Part No. - ALQ07FM

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07FM48 ASTEC-ALQ07FM48 Datasheet
143Kb / 2P
7 Amps
logo
Emerson Network Power
ALQ07FM48 EMERSON-NETWORKPOWER-ALQ07FM48 Datasheet
143Kb / 2P
Dual output Quarter Brick
More results

Similar Description - ALQ07FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
TECHNICAL REFERENCE MANUAL
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
Technical Reference Manual
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
Technical Reference Manual
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
Technical Reference Manual
logo
ATMEL Corporation
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
Technical Reference Manual
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
TECHNICAL NOTES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com