Electronic Components Datasheet Search
  English  ▼

X  

ALQ40F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ40F48
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40F48 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ40F48 Datasheet HTML 1Page - Astec America, Inc ALQ40F48 Datasheet HTML 2Page - Astec America, Inc ALQ40F48 Datasheet HTML 3Page - Astec America, Inc ALQ40F48 Datasheet HTML 4Page - Astec America, Inc ALQ40F48 Datasheet HTML 5Page - Astec America, Inc ALQ40F48 Datasheet HTML 6Page - Astec America, Inc ALQ40F48 Datasheet HTML 7Page - Astec America, Inc ALQ40F48 Datasheet HTML 8Page - Astec America, Inc ALQ40F48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 1 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
ALQ50 Single Output Open-Frame DC-DC Converter Module
Industry Standard ¼ Brick: 36V-75V Input / 50A Output Current
The ALQ50 series is Astec's next generation single output, high-density standard quarter brick offering. It operates from a 36V
to 75V DC Bus and comes in different Isolated Logic Output voltages (ILO) well suited for DPA applications. It’s designed to
conservatively handle 50A of output current for 2.5V and below at high levels of efficiency (3.3V @ 90.5%). It provides tight
regulation and exhibits clean and monotonic output start up characteristics. The ALQ50’s come with industry standard features
such as Input UVLO, OCP, OVP, OTP, Output Trim, differential output Sense pins. With its 0.36” low profile and open frame
construction, it offers optimum board mounting flexibility.
Special Features
•
Industry Standard ¼ Brick Footprint
•
Positive and Negative Enable Options
•
Regulation to Zero Load
•
High Capacitive Load Start-up
•
Fixed Switching Frequency at 480kHz
•
Output Trim
•
Input Under-Voltage Lockout
•
Low profile / open-frame
Environmental Specifications
•
-40ºC to 85ºC Operating Temperature
•
-40ºC to 125ºC Storage Temperature
•
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
3.3V @ 90.5% (Typ)
2.5V @ 90.0%
1.8V @ 89.0%
1.2V @ 86.5%
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
2.5V @ 50A max
Line/Load Regulation < 1% VO
Ripple and Noise
60mVPK-PK max
Output Voltage
Adjust Range
±10% VO
Transient Response
5% VO deviation (Typ)
50% to 75% Load Change
250
µsec settling time (Typ)
Remote Sense
+10%VO
Over Current
Protection
120% IO,MAX
Safety
UL + cUL 60950, Recognized (Pending)
EN60950 through TUV-PS (Pending)
PRELIMINARY


Similar Part No. - ALQ40F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40F48 ASTEC-ALQ40F48 Datasheet
275Kb / 2P
High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
ALQ40F48 EMERSON-NETWORKPOWER-ALQ40F48 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ40F48N ASTEC-ALQ40F48N Datasheet
275Kb / 2P
High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
ALQ40F48N EMERSON-NETWORKPOWER-ALQ40F48N Datasheet
275Kb / 2P
High Efficiency Quarter Brick
More results

Similar Description - ALQ40F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com