Electronic Components Datasheet Search
  English  ▼

X  

ALQ40F48 Datasheet(PDF) 4 Page - Astec America, Inc

Part # ALQ40F48
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40F48 Datasheet(HTML) 4 Page - Astec America, Inc

  ALQ40F48 Datasheet HTML 1Page - Astec America, Inc ALQ40F48 Datasheet HTML 2Page - Astec America, Inc ALQ40F48 Datasheet HTML 3Page - Astec America, Inc ALQ40F48 Datasheet HTML 4Page - Astec America, Inc ALQ40F48 Datasheet HTML 5Page - Astec America, Inc ALQ40F48 Datasheet HTML 6Page - Astec America, Inc ALQ40F48 Datasheet HTML 7Page - Astec America, Inc ALQ40F48 Datasheet HTML 8Page - Astec America, Inc ALQ40F48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 4 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Electrical Specifications (continued)
INPUT SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
VDC
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
33
32
-
-
35
34
Vdc
Maximum Input Current
1
Conditions: VIN =VIN,min
IO = IO,max; TA = 25 ºC
F (3.3V)
G (2.5V)
Y (1.8V)
K (1.2V)
IIN,max
-
-
-
-
-
-
-
-
4.4
4.3
3.2
2.3
A
Max PDISS @ IO = 0A (VIN = VIN,NOM)
3V3 (F)
2V5 (G)
1V8 (Y)
1V2 (K)
-
-
-
-
-
-
-
-
5
5
3.3
2.5
W
Input Reflected Ripple Current
2
Conditions: PO = PO,max; TA = 25 ºC
BW: 5Hz to 20MHz
All
II1/ II2
-
-
10
mAPK-PK
Note:
1. An input line fuse is recommended for use.
2. External input capacitance required. See Input Ripple Current test measurement setup on Fig 1.
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, min to VIN, max;
IO =IO,Max
3V3 (F)
2V5 (G)
1V8 (Y)
1V2 (K)
VO,SET
3.260
2.465
1.770
1.180
3.300
2.500
1.800
1.200
3.340
2.535
1.830
1.220
Vdc
Vdc
Vdc
Vdc
Output Regulation
Line: VIN = VIN, Min to VIN, Max
Load: IO = IO, Min to IO, Max
Temperature: Ta = -40 ºC to
+85ºC
All
1V2 (K)
All
1V2 (K)
All
-
-
-
-
-
-
-
-
-
±0.20
±0.30
±0.20
±0.30
±1.00
%Vo
Ripple and Noise
4
Peak-to-Peak: (5Hz to 20MHz)
1V2
1V8/2V5
3V3
-
-
-
-
25
35
45
50
75
100
mVp-p
mVp-p
mVp-p
Output Current
3
3V3
All
IO
0
0
-
-
40
50
A
External Load Capacitance
Capacitor ESR
All
-
-
4
-
-
25,000
-
µF
m
Ω
Output Current-limit Inception
VOUT = 90% VO,SET
5
3V3
All
IO
41
52
-
-
52
68
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com