Electronic Components Datasheet Search
  English  ▼

X  

ALQ40F48 Datasheet(PDF) 14 Page - Astec America, Inc

Part # ALQ40F48
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40F48 Datasheet(HTML) 14 Page - Astec America, Inc

Back Button ALQ40F48 Datasheet HTML 8Page - Astec America, Inc ALQ40F48 Datasheet HTML 9Page - Astec America, Inc ALQ40F48 Datasheet HTML 10Page - Astec America, Inc ALQ40F48 Datasheet HTML 11Page - Astec America, Inc ALQ40F48 Datasheet HTML 12Page - Astec America, Inc ALQ40F48 Datasheet HTML 13Page - Astec America, Inc ALQ40F48 Datasheet HTML 14Page - Astec America, Inc ALQ40F48 Datasheet HTML 15Page - Astec America, Inc ALQ40F48 Datasheet HTML 16Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 14 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Performance Curves (continued)
CURRENT VS. TEMPERATURE CURVES
3.3V DERATING, 48V Input
0
5
10
15
20
25
30
35
40
25
35
45
55
65
75
85
Ambient Temperature (°C)
0 LFM (0 m/ s)
100 LFM (0.5m/ s)
200 LFM (1.0 m/ s)
400 LFM (2.0 m/s)
2.5V DERATING, 48V Input
10
15
20
25
30
35
40
45
50
25
35
45
55
65
75
85
Ambient Temperature (°C)
0 LFM (0 m/s)
100 LFM (0.5m/s)
200 LFM (1 m/s)
400 LFM (2 m/ s)
1.8V DERATING, 48V Input
10
15
20
25
30
35
40
45
50
25
35
45
55
65
75
85
Ambient Temperature (°C)
0 LFM (0 m/ s)
100 LFM (0.5m/ s)
200 LFM (1.0 m/ s)
400 LFM (2.0 m/s)
1.2V DERATING, 48V Input
10
15
20
25
30
35
40
45
50
25
35
45
55
65
75
85
Ambient Temperature (°C)
0 LFM (0 m/ s)
100 LFM (0.5m/ s)
200 LFM (1.0 m/ s)
400 LFM (2.0 m/ s)
Figure 21. ALQ40F48 (3.3V) Output Derating curves at
various airflow conditions directed across PIN 3 to 1 with
the module mounted vertically.
Figure 22. ALQ50G48 (2.5V) Output Derating curves at
various airflow conditions directed across PIN 3 to 1 with
the module mounted vertically.
Figure 23. ALQ50Y48 (1.8V) Output Derating curves at
various airflow conditions directed across PIN 3 to 1 with
the module mounted vertically.
Figure 24. ALQ50K48 (1.2V) Output Derating curves at
various airflow conditions directed across PIN 3 to 1 with
the module mounted vertically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com