Electronic Components Datasheet Search
  English  ▼

X  

ATH06T033 Datasheet(PDF) 11 Page - Astec America, Inc

Part # ATH06T033
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH06T033 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button ATH06T033 Datasheet HTML 6Page - Astec America, Inc ATH06T033 Datasheet HTML 7Page - Astec America, Inc ATH06T033 Datasheet HTML 8Page - Astec America, Inc ATH06T033 Datasheet HTML 9Page - Astec America, Inc ATH06T033 Datasheet HTML 10Page - Astec America, Inc ATH06T033 Datasheet HTML 11Page - Astec America, Inc ATH06T033 Datasheet HTML 12Page - Astec America, Inc ATH06T033 Datasheet HTML 13Page - Astec America, Inc ATH06T033 Datasheet HTML 14Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Notes
ATH Series of Wide-Output Adjust Power
Modules (3.3/5-V Input)
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Margin Up/Down Controls
The ATH10 (10A), ATH12/15 (12/15A), ATH18/22 (18/
22A) and ATH26/30 (26/30A) products incorporate Margin
Up and Margin Down control inputs. These controls allow
the output voltage to be momentarily adjusted 1, either up
or down, by a nominal 5 %. This provides a convenient
method for dynamically testing the operation of the load
circuit over its supply margin or range. It can also be used to
verify the function of supply voltage supervisors. The
±5 % change is applied to the adjusted output voltage, as set
by the external resistor, Rset at the Vo Adjust pin.
The 5 % adjustment is made by pulling the appropriate
margin control input directly to the GND terminal 2.
A low-leakage open-drain device, such as an n-channel
MOSFET or p-channel JFET is recommended for this
purpose 3. Adjustments of less than 5 % can also be accom-
modated by adding series resistors to the control inputs
(See Figure 3-4). The value of the resistor can be selected
from Table 3-2, or calculated using the following formula.
Up/Down Adjust Resistance Calculation
To reduce the margin adjustment to something less than
5 %, series resistors are required (See RD and RU in
Figure 3-7). For the same amount of adjustment, the
resistor value calculated for RU and RD will be the same.
The formulas is as follows.
R
U or RD =
499
– 99.8
k
Ω
∆%
Where
∆% = The desired amount of margin adjust in
percent.
Notes:
1. The Margin Up* and Margin Dn* controls were not
intended to be activated simultaneously. If they are
their affects on the output voltage may not completely
cancel, resulting in the possibility of a slightly higher
error in the output voltage set point.
2. The ground reference should be a direct connection to
the module GND at pin 7 (pin 1 for the ATH06).
This will produce a more accurate adjustment at the
load circuit terminals. The transistors Q1 and Q2 should
be located close to the regulator.
3. The Margin Up and Margin Dn control inputs are not
compatible with devices that source voltage. This includes
TTL logic. These are analog inputs and should only be
controlled with a true open-drain device (preferably
a discrete MOSFET transistor). The device selected
should have low off-state leakage current. Each input
sources 8 µA when grounded, and has an open-circuit
voltage of 0.8 V.
Figure 3-7; Margin Up/Down Application Schematic
Table 3-2; Margin Up/Down Resistor Values
% Adjust
RU / RD
5
0.0 k
Ω
4
24.9 k
Ω
3
66.5 k
Ω
2
150.0 k
Ω
1
397.0 k
Ω
C
out
+
C
in
V
IN
GND
MargDn
L
O
A
D
Q
2
+V
OUT
Q
1
+
MargUp
0V
+V
o
R
D
R
U
PTH05010W
(Top View)
1
2
10 9
8
7
6
5
4
3
GND
R
SET
0.1 W, 1 %
ATH15T05-9S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com