Electronic Components Datasheet Search
  English  ▼

X  

ATH06T033 Datasheet(PDF) 12 Page - Astec America, Inc

Part # ATH06T033
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH06T033 Datasheet(HTML) 12 Page - Astec America, Inc

Back Button ATH06T033 Datasheet HTML 6Page - Astec America, Inc ATH06T033 Datasheet HTML 7Page - Astec America, Inc ATH06T033 Datasheet HTML 8Page - Astec America, Inc ATH06T033 Datasheet HTML 9Page - Astec America, Inc ATH06T033 Datasheet HTML 10Page - Astec America, Inc ATH06T033 Datasheet HTML 11Page - Astec America, Inc ATH06T033 Datasheet HTML 12Page - Astec America, Inc ATH06T033 Datasheet HTML 13Page - Astec America, Inc ATH06T033 Datasheet HTML 14Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Notes
ATH Series of Wide-Output Adjust Power
Modules (3.3/5-V Input)
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Pre-Bias Startup Capability
Only selected products in the ATH family incorporate this
capability. Consult Table 3-1 to identify which products
are compliant.
A pre-bias startup condition occurs as a result of an external
voltage being present at the output of a power module prior
to its output becoming active. This often occurs in com-
plex digital systems when current from another power
source is backfed through a dual-supply logic component,
such as an FPGA or ASIC. Another path might be via
clamp diodes as part of a dual-supply power-up sequencing
arrangement. A prebias can cause problems with power
modules that incorporate synchronous rectifiers. This is
because under most operating conditions, these types of
modules can sink as well as source output current.
The ATH family of power modules incorporate synchro-
nous rectifiers, but will not sink current during startup 1,
or whenever the Inhibit pin is held low. However, to ensure
satisfactory operation of this function, certain conditions
must be maintained. 2 Figure 3-7 shows an application
demonstrating the pre-bias startup capability. The start-
up waveforms are shown in Figure 3-9. Note that the
output current from the ATH15T033-9xx (Io) shows neg-
ligible current until its output voltage rises above that
backfed through diodes D1 and D2.
Note: The pre-bias start-up feature is not compatible with
Auto-Track. When the module is under Auto-Track control, it
is fully active and will sink current if the output voltage is
below that of a back-feeding source. Therefore to ensure a pre-
bias hold-off, one of two approaches must be followed when
input power is applied to the module. The Auto-Track function
must either be disabled 3, or the module’s output held off using
the Inhibit pin. The latter allows Auto-Track’s internal (RC)
voltage ramp to rise above the set-point voltage.
Notes
1. Startup is the relatively short period (approx. 10 ms)
prior to the output voltage rising. The startup period
immediately follows either the application of a valid
input source voltage, or the release of a ground signal
at the Inhibit pin.
2. To ensure that the regulator does not sink current when
power is first applied (even with a ground signal applied
to the Inhibit control pin), the input voltage must always
be greater than the output voltage throughout the
power-up and power-down sequence.
3. The Auto-Track function can be disabled at power up
by immediately applying a voltage to the module’s Track
pin that is greater than its set-point voltage. This can
be easily accomplished by connecting the Track pin to
Vin through a 1-kΩ resistor.
V
o = 2.5 V
V
IN = 3.3 V
R
2
2k21
R
1
1k0
ASIC
VCORE
VCCIO
I
o
PTH03010W
1
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
7
Vadj
Sense
+
C
IN
330 µF
+
D
1, D2
MBR3100
C
OUT
330 µF
+
Figure 3.8; Application Circuit Demonstrating Pre-Bias Startup
Vin (1 V/Div)
Vo (1 V/Div)
Io (5 A/Div)
HORIZ SCALE: 5 ms/Div
Figure 3.9; Pre-Bias Startup Waveforms
ATH15T033-9S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com