Electronic Components Datasheet Search
  English  ▼

X  

ATH06T033 Datasheet(PDF) 6 Page - Astec America, Inc

Part # ATH06T033
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH06T033 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ATH06T033 Datasheet HTML 2Page - Astec America, Inc ATH06T033 Datasheet HTML 3Page - Astec America, Inc ATH06T033 Datasheet HTML 4Page - Astec America, Inc ATH06T033 Datasheet HTML 5Page - Astec America, Inc ATH06T033 Datasheet HTML 6Page - Astec America, Inc ATH06T033 Datasheet HTML 7Page - Astec America, Inc ATH06T033 Datasheet HTML 8Page - Astec America, Inc ATH06T033 Datasheet HTML 9Page - Astec America, Inc ATH06T033 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application Notes
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
ATH06T033 & ATH06T05 Series
Table 2-1: Recommended Input/Output Capacitors
ATH06T033/T05: Capacitor Recommendations
Input Capacitor
The recommended input capacitance is determined by
100 µF minimum capacitance, and 300 mA (rms) mini-
mum ripple current rating.
Ripple current and less than 300 m
Ω equivalent series
resistance (ESR) values are the major considerations,
along with temperature, when designing with different
types of capacitors.
Tantalum capacitors have a recommended minimum volt-
age rating of twice 2
× (the maximum DC voltage + AC
ripple). This is standard practice for tantalum capacitors
to insure reliability.
Output Capacitors (Optional)
The ESR of the recommended capacitors is equal to or
less than 300 m
Ω. Electrolytic capacitors have marginal
ripple performance at frequencies greater than 400 kHz
but excellent low frequency transient response. Above the
ripple frequency, ceramic capacitors are necessary to
improve the transient response and reduce any high
frequency noise components apparent during higher
current excursions.
Tantalum/ Ceramic Capacitors
Tantalum capacitors are acceptable on the output bus.
Tantalum, Os-con, or ceramic capacitor types are recom-
mended for applications where ambient temperatures fall
below 0 °C. Ceramic capacitors may be used instead of
electrolytic types on both the input and output bus. The
input bus must have the minimum amount of capacitance.
A single 10 µF ceramic capacitor may also be used on the
output bus to reduce output ripple.
Capacitor Table
Table 2-1 identifies the characteristics of capacitors from
a number of vendors with acceptable ESR and ripple
current (rms) ratings. The number of capacitors required
at both the input and output buses is identified for
each capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those
listed are for guidance. The RMS ripple current rating and
ESR are the critical parameters necessary to insure both opti-
mum regulator performance and long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
x
a
M
C
°
5
8
t
a
)
s
m
r
I
(
t
n
e
r
r
u
C
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
T
M
S
(
C
F
c
i
n
o
s
a
n
a
P
)
T
M
S
(
A
W
V
5
2
V
0
1
F
µ
0
0
1
F
µ
0
2
1
0
0
3
.
0
Ω
5
3
0
.
0
Ω
A
m
0
5
4
A
m
0
0
8
2
8
× 0
1
3
.
8
× 9
.
6
1
1
1
1
P
1
0
1
E
1
C
F
V
E
E
P
1
2
1
A
1
A
W
F
E
E
C
F
c
i
n
o
s
a
n
a
P
)
T
M
S
(
K
F
V
6
1
V
6
1
0
2
2F
µ
0
3
3F
µ
0
5
1
.
0
Ω
0
6
1
.
0
Ω
A
m
5
5
5
A
m
0
0
6
0
1
× 2
.
0
1
8
× 2
.
0
1
1
1
1
1
1
2
2
C
1
C
F
U
E
E
P
1
3
3
C
1
K
F
V
E
E
n
o
C
–
i
m
e
h
C
d
e
t
i
n
U
S
F
)
T
M
S
(
A
X
P
)
T
M
S
(
Z
V
M
S
P
V
0
1
V
0
1
V
6
1
V
0
1
F
µ
0
0
1
0
2
1F
µ
0
2
2F
µ
F
µ
0
7
2
0
4
0
.
0
Ω
7
2
0
.
0
Ω
0
7
1
.
0
Ω
4
1
0
.
0
Ω
A
m
0
0
1
2
A
m
0
3
4
2
A
m
0
5
4
A
m
0
2
4
4
3
.
6
× 8
.
9
8
× 7
.
6
8
× 0
1
8
× 5
.
1
1
1
1
1
1
1
1
1
1
M
0
0
1
S
F
0
1
P
T
0
8
H
M
1
2
1
C
V
0
1
A
X
P
P
T
0
1
H
M
1
2
2
C
V
5
2
Z
V
M
1
1
H
M
0
7
2
S
P
0
1
n
o
c
i
h
c
i
N
)
T
M
S
(
G
W
5
5
F
M
P
V
5
3
V
0
1
V
5
2
0
0
1F
µ
0
0
1F
µ
0
5
1F
µ
0
5
1
.
0
Ω
5
5
0
.
0
Ω
0
6
1
.
0
Ω
A
m
0
7
6
A
m
0
0
0
2
A
m
0
6
4
0
1
× 0
1
3
,
4
x
7
,
7
0
1
× 5
.
1
1
1
1
1
1
1
1
S
G
1
R
N
M
1
0
1
V
1
G
W
U
N
M
7
0
1
A
1
5
5
F
H
P
M
1
5
1
E
1
M
P
U
®
n
o
c
-
s
O
o
y
n
a
S
)
T
M
S
(
P
V
S
P
S
A
P
T
V
0
1
V
6
1
V
0
1
0
2
1F
µ
F
µ
0
0
1
µ
0
0
1F
0
4
0
.
0
Ω
5
2
0
.
0
Ω
0
8
0
.
0
Ω
A
m
0
0
5
2
>
A
m
0
0
8
2
>
A
m
0
0
2
1
>
7
×8
3
.
6
× 8
.
9
3
.
7
× 8
.
4
1
1
1
1
1
1
M
0
2
1
P
V
S
0
1
M
0
0
1
S
P
S
6
1
M
0
0
1
A
P
T
0
1
S
P
T
m
u
l
a
t
n
a
T
X
V
AV
0
1
V
0
1
F
µ
0
0
1
F
µ
0
2
2
0
1
.
00
Ω
0
0
1
.
0
Ω
A
m
0
9
0
1
>
A
m
4
1
4
1
>
L
3
.
7
× W
3
.
4
× H
1
.
4
1
1
1
1
0
0
1
0
R
0
1
0
M
7
0
1
D
S
P
T
0
0
1
0
R
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K0
2
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
0
1
F
µ
0
0
1
0
8
0
.
0
Ω
0
0
1
.
0
Ω
A
m
0
0
2
1
A
m
0
0
1
1
>
L
3
.
7
× W
7
.
5
× H
0
.
4
1
1
1
1
S
A
0
1
0
M
7
0
1
D
0
2
5
T
S
A
0
1
0
M
7
0
1
X
5
9
4
T
D
5
9
5
/
D
4
9
5
e
u
g
a
r
p
SV
0
1
V
0
1
F
µ
0
5
1
F
µ
0
2
1
0
9
0
.
0
Ω
0
4
1
.
0
Ω
A
m
0
0
1
1
A
m
0
0
0
1
>
L
3
.
7
× W
0
.
6
× H
1
.
4
1
1
1
1
T
2
C
0
1
0
0
X
7
5
1
D
4
9
5
T
2
D
0
1
0
0
X
7
2
1
D
5
9
5
R
5
X
c
i
m
a
r
e
C
-
K
D
T
R
5
X
c
i
m
a
r
e
C
a
t
a
r
u
M
e
s
a
C
0
1
2
1
V
3
.
6
V
3
.
6
F
µ
7
4
F
µ
7
4
2
0
0
.
0
Ω
2
0
0
.
0
Ω
A
m
0
0
4
1
>
A
m
0
0
0
1
>
L
6
.
3
× W
8
.
2
× H
8
.
2
2
2
2
2
T
M
/
T
K
6
7
4
J
0
R
5
X
5
2
2
3
C
3
.
6
/
M
6
7
4
J
0
6
R
E
2
3
M
R
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com