Electronic Components Datasheet Search
  English  ▼

X  

PS11037 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS11037
Description  Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11037 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS11037 Datasheet HTML 1Page - Powerex Power Semiconductors PS11037 Datasheet HTML 2Page - Powerex Power Semiconductors PS11037 Datasheet HTML 3Page - Powerex Power Semiconductors PS11037 Datasheet HTML 4Page - Powerex Power Semiconductors PS11037 Datasheet HTML 5Page - Powerex Power Semiconductors PS11037 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Application Specific IPM
50 Amperes/600 Volts
PS11037
1
Description:
Powerex Application Specific IPMs
(ASIPMs) are inteligent power
modules that integrate power
devices, gate drive and protection
circuitry in a compact package for
use in small inverter applications
up to 20kHz. Use of application
specific HVICs allow the designer
to reduce inverter size and overall
design time.
Features:
□ Compact Packages
□ 3 Phase Converter Bridge
Built-in
□ Integrated HVICs
□ Direct Connection to DSP/CPU
Applications:
□ Small Motor Control
□ Small Servo Motors
□ General Purpose Inverters
□ Pump and HVAC Motor Control
Ordering Information:
PS11037 is a 600V, 50 Ampere
Application Specific
Intelligent Power Module.
Dimensions
Inches
Millimeters
A
3.74
±0.04
95.0
±1.0
B
2.91
±0.04
74.0
±1.0
C
0.32
8.0
D
3.35
±0.01
85.0
±0.3
E
0.73
18.5
F
1.25
31.65
G
0.97
24.5
H
1.65
42.0
J
0.08
2.0
K
0.24
6.0
L
0.71
18.0
M
12.7 SQ.
0.5 SQ.
N
0.59
15.0
P
0.35
9.0
Q
2.32
±0.01
59.0
±0.3
R
1.38
35.0
S
0.10
2.5
Dimensions
Inches
Millimeters
T
2.80
71.0
U
3.23
82.1
V
0.04
1.0
W
0.14
3.5
X
2.00
±0.03
50.8
±0.8
Y
0.12
3.0
Z
0.14
3.5
AA
0.80
±0.04
20.4
±1.0
BB
0.12
3.0
CC
0.93
23.5
DD
1.21
±0.02
30.7
±0.5
EE
0.181 DIA.
4.6 DIA.
FF
0.197 DIA.
5.0 DIA.
GG
0.31
±0.02
8.0
±0.5
HH
0.67
±0.03
17.0
±0.8
JJ
0.16
4.0
KK
2.45
±0.03
62.35
±0.8
Outline Drawing and Circuit Diagram
LABEL
21
22
23
24
25
2
13 4
5 6
12
78 9
11
10
14
13
16
15
4
12
3
5 6
7 8
11
10
913
12
14
16
15
TERMINAL CODE
1 CBU+
2 CBU-
3 CBV+
4 CBV-
5 CBW+
6 CBW-
7 VD
8 UP
9 VP
10 WP
11 UN
12 VN
13 WN
14 FO
15 VAMP
16 GND
21 P
22 U
23 V
24 W
25 N
U
T
TC
W
W
V
Y
X
GG
B
F
A
G
N
P
R
Q
S
M SQ.
EE (4 PLACES)
J
K
D
H
L
E
KK
DD
JJ
CC
CC
BB
BB
BB
AA
C
HH
FF
(4 PLACES)
TC


Similar Part No. - PS11037

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
logo
List of Unclassifed Man...
PS11037 ETC1-PS11037 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Pro-Signal
PS11037 PROSIGNAL-PS11037 Datasheet
421Kb / 2P
Patch Lead - CAT 5E
10/12/19 V1.2
More results

Similar Description - PS11037

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
PS11036 POWEREX-PS11036 Datasheet
90Kb / 6P
Intellimod??Module Application Specific IPM (30 Amperes/600 Volts)
PS12032 POWEREX-PS12032 Datasheet
107Kb / 8P
Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12033 POWEREX-PS12033 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12034 POWEREX-PS12034 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (10 Amperes/1200 Volts)
PS12036 POWEREX-PS12036 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (15 Amperes/1200 Volts)
PS12038 POWEREX-PS12038 Datasheet
121Kb / 8P
Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com