Electronic Components Datasheet Search
  English  ▼

X  

PS11037 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS11037
Description  Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11037 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS11037 Datasheet HTML 1Page - Powerex Power Semiconductors PS11037 Datasheet HTML 2Page - Powerex Power Semiconductors PS11037 Datasheet HTML 3Page - Powerex Power Semiconductors PS11037 Datasheet HTML 4Page - Powerex Power Semiconductors PS11037 Datasheet HTML 5Page - Powerex Power Semiconductors PS11037 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS11037
Intellimod™ Module
Application Specific IPM
50 Amperes/600 Volts
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PS11037
Units
Power Device Junction Temperature*
Tj
-20 to 125
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature (See TC Measure Point Illustration)
TC
-20 to 100
°C
Mounting Torque, M4 Mounting Screws
—
13
in-lb
Module Weight (Typical)
—
108
Grams
Isolation Voltage**
VISO
2500
Volts
*The indicated values are specified considering the safe operation of all the parts within the ASIPM. The maximum rating for the ASIPM power chips (IGBT & FWDi) is Tj < 150.
**60 Hz sinusoidal AC applied between all terminals and the base plate for 1 minute.
IGBT Inverter Sector
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N, Surge-Value)
VCC(surge)
500
Volts
Each IGBT Collector-Emitter Static Voltage (Applied between P-U.V.W, U.V.W-N)
VP or VN
600
Volts
Each IGBT Collector-Emitter Switching Voltage
VP(S) or VN(S)
600
Volts
(Applied between P-U.V.W, U.V.W-N (Pulse))
Each IGBT Collector Current, TC = 25°C, “( )” means IC Peak Value
±IC (±ICP)
±50 (±100)
Amperes
Control Sector
Supply Voltage
VD, VDB
-0.5 ~ 20
Volts
Input Signal Voltage
VCIN
-0.5 ~ 7.5
Volts
Fault Output Supply Voltage
VFO
-0.5 ~ 7.5
Volts
Fault Output Current
IFO
15
mA
DC-Link IGBT Current Signal Amp Output Current
IAMP
1mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com