Electronic Components Datasheet Search
  English  ▼

X  

PS11037 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS11037
Description  Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11037 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS11037 Datasheet HTML 1Page - Powerex Power Semiconductors PS11037 Datasheet HTML 2Page - Powerex Power Semiconductors PS11037 Datasheet HTML 3Page - Powerex Power Semiconductors PS11037 Datasheet HTML 4Page - Powerex Power Semiconductors PS11037 Datasheet HTML 5Page - Powerex Power Semiconductors PS11037 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS11037
Intellimod™ Module
Application Specific IPM
50 Amperes/600 Volts
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Circuit Current (Average)
ID
Tj = 25°C, VD = 15V, VIN = 5V
——
50
mA
IDB
Tj = 25°C, VD = VDB = 15V, VIN = 5V
——
5mA
Input ON Threshold Voltage
Vth(on)
0.8
1.4
2.0
Volts
Input OFF Threshold Voltage
Vth(off)
2.5
3.0
4.0
Volts
Input Pull-up Resistor
Ri
Applied between
—
50
—
k
Ω
Input Terminal-inside Power Supply
PWM Input Frequency
fPWM
TC ≤ 100°C, Tj ≤ 125°C
—
10
15
kHz
Arm Shoot-through Blocking Time*
tDEAD
Relates to Corresponding Inputs
2.2
——
µS
TC = -20°C ~ 100°C
Input Interlock Sensing
tint
Relates to Corresponding Input
—
100
—
ns
Inverter DC-link IGBT Current
Vamp 100%
IC = IOP(100%), VD = 15V, Tj = 25°C
1.5
2.0
2.5
Volts
Sense Voltage Output Signal**
Vamp 200%
IC = IOP(200%), VD = 15V, Tj = 25°C
3.0
4.0
5.0
Volts
Inverter DC-link IGBT Current
Vamp 250%
IC = IOP(250%), VD = 15V
5.0
——
Volts
Sense Voltage Output Limit**
Vamp 0%
IC = IOP(0%), VD = 15V
—
50
100
mV
Over-Current Trip Level
OC
86.7
102
117
Amperes
Over-Current Delay Time
tOC
Tj = 25°C
—
10
—
µS
Short-Circuit Trip Level
SC
—
181
—
Amperes
Short-Circuit Delay Time
tSC
—
2
—
µs
Trip Level
UVD
11.0
12.0
12.75
Volts
Supply Circuit
Reset Level
UVDr
11.5
12.5
13.5
Volts
Under-Voltage
Trip Level
UVDB
TC = Tj = 25°C
10.1
10.8
11.6
Volts
Protection
Reset Level
UVDBr
10.6
11.3
12.1
Volts
Delay Time
tdV
—
10
—
µS
Fault Output Pulse Width***
tFO
Tj = 25°C
1.0
1.8
—
mS
Fault Output Current***
IFo(H)
Open Collector Output
——
1
µA
IFo(L)
——
15
mA
* The dead-time has to be set externally by the CPU; it is not part of the ASIPM internal functions.
**Refer ro the graph on next page.
***Fault output signalling is given only when the internal OC, SC, and UV protection circuits are activated. The OC, SC and UV protection (and fault output) operate for the lower arms only.
The OC and SC protection fault output is given in a pulse format while that of UV protection is maintained thrpughout the duration of the under-voltage condition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com