Electronic Components Datasheet Search
  English  ▼

X  

PS12038 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PS12038
Description  Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12038 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PS12038 Datasheet HTML 1Page - Powerex Power Semiconductors PS12038 Datasheet HTML 2Page - Powerex Power Semiconductors PS12038 Datasheet HTML 3Page - Powerex Power Semiconductors PS12038 Datasheet HTML 4Page - Powerex Power Semiconductors PS12038 Datasheet HTML 5Page - Powerex Power Semiconductors PS12038 Datasheet HTML 6Page - Powerex Power Semiconductors PS12038 Datasheet HTML 7Page - Powerex Power Semiconductors PS12038 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
107
PS12038
Intellimod™ Module
Application Specific IPM
25 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case
Rth(j-c)Q
Each IGBT
—
—
1.5
°C/Watt
Rth(j-c)D
Each FWDi
—
—
2.0
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module.
—
—
0.045
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Value
Units
Supply Voltage
VCC
Applied across P2-N2 Terminals
—
600
800
Volts
Control Supply Voltage
VD
Applied between VD-GND
13.5
15.0
16.5
Volts
VDB
Applied between CBU+ & CBU-,
13.5
15.0
16.5
Volts
CBV+ & CBV-, CBW+ & CBW-
Control Supply dv/dt
dVD/dt, dVDB/dt
-1
—
1
V/
µs
Input ON Voltage
VCIN(on)
Applied between
0
—
0.8
Volts
Input OFF Voltage
VCIN(off)
UP, VP, WP, UN, VN, WN-GND
4.0
—
5.0
Volts
Module Case Operating Temperature
TC
——
100
°C
PWM Input Frequency
fPWM
TC ≤ 100°C, Tj ≤ 125°C—
—
15
kHz
Allowable Minimum Input On-pulse Width
tXX
1—
—
µS
Arm Shoot-through Blocking Time
tDEAD
Relate to Corresponding Inputs
4.0
—
—
µS
INVERTER DC-LINK IGBT CURRENT
ANALOG SIGNALING (TYPICAL)
5
0
100
200
4
3
2
1
0
300
100%
200%
VD = 15V
Tj = 25°C
ACTUAL LOAD PEAK CURRENT, (%), (IC = IO X
2 )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com