Electronic Components Datasheet Search
  English  ▼

X  

PS12038 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS12038
Description  Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12038 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS12038 Datasheet HTML 1Page - Powerex Power Semiconductors PS12038 Datasheet HTML 2Page - Powerex Power Semiconductors PS12038 Datasheet HTML 3Page - Powerex Power Semiconductors PS12038 Datasheet HTML 4Page - Powerex Power Semiconductors PS12038 Datasheet HTML 5Page - Powerex Power Semiconductors PS12038 Datasheet HTML 6Page - Powerex Power Semiconductors PS12038 Datasheet HTML 7Page - Powerex Power Semiconductors PS12038 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Application Specific IPM
25 Amperes/1200 Volts
PS12038
103
Description:
Powerex Application Specific IPMs
(ASIPMs) are inteligent power
modules that integrate power
devices, gate drive and protection
circuitry in a compact package for
use in small inverter applications
up to 20kHz. Use of application
specific HVICs allow the designer
to reduce inverter size and overall
design time.
Features:
□ 3-phase IGBT Inverter Bridge
□ Integrated HVICs for Gate
Drive, Protection and
System Control Functions
□ Built-in Thermistor
□ Direct Connection to DSP/CPU
Applications:
□ Smart Motors
□ General Purpose Inverters
□ Small Motor Control
Ordering Information:
PS12038 is a 1200V, 25 Ampere
Application Specific Power Module.
Dimensions
Inches
Millimeters
A
4.06 +0/-0.02 103.0+0/-0.4
B
3.19 +0/-0.02
81.0 +0/-0.4
C
0.35
9.0
D
0.10
2.5
E
3.11
79.0
F
3.74
±0.01
95
±0.2
G
1.32
33.5
H
0.95
24.0
J
0.87
22.0
K
0.08
2.0
L
0.24
6.0
M
0.02 Sq.
0.5 Sq.
N
3.03
77.0
P
2.44
62.0
Q
1.85
±0.01
47.0
±0.2
R
1.26
32.0
S
0.26
6.5
T
0.35
9.0
Dimensions
Inches
Millimeters
U
0.04 Rad.
1.0 Rad.
V
0.37
9.5
W
0.04
1.0
X
0.12
3.0
Y
2.13
0.54
DD
0.47
12.0
EE
0.08 Rad.
2.0 Rad.
FF
1.60
40.52
GG
0.30
7.62
LL
0.08
2.0
MM
0.12
3.0
PP
0.49
12.5
QQ
0.80
20.4
RR
0.16 Dia.
4.0 Dia.
SS
0.04
1.0
TT
0.06
1.5
VV
0.16
4.0
XX
0.67 Rad.
17 Rad.
Outline Drawing and Circuit Diagram
TERMINAL CODE
21 CBV-
12 UN
11 VN
13 WP
14 VP
20 CBW+
19 CBW-
18 NC
17 VD
1 P
7
8
16 TH
2 N
3 NC
4 U
5 V
6 W
9 GND
10 WN
15 UP
LABEL
1
23
4
5
11
16
15
14 12
13
9
10
7
8
22 CBV+
18
17
24
21 19
23 CBU-
24 CBU+
FO
AMP
V
6
TC
TC
A
ED
VV
RR
(4 PLACES)
EE
DD
DD
GG
GG
GG
GG
SS
X
M
SQ PINS
Q R
S
P
B N
V
T
Y
TT
LL
FF
U
M
XX
C
PP
QQ
D
F
H
K
L
J
G


Similar Part No. - PS12038

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
More results

Similar Description - PS12038

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
PS11036 POWEREX-PS11036 Datasheet
90Kb / 6P
Intellimod??Module Application Specific IPM (30 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PS12032 POWEREX-PS12032 Datasheet
107Kb / 8P
Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12033 POWEREX-PS12033 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12034 POWEREX-PS12034 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (10 Amperes/1200 Volts)
PS12036 POWEREX-PS12036 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (15 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com