Electronic Components Datasheet Search
  English  ▼

X  

PS12038 Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # PS12038
Description  Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12038 Datasheet(HTML) 7 Page - Powerex Power Semiconductors

  PS12038 Datasheet HTML 1Page - Powerex Power Semiconductors PS12038 Datasheet HTML 2Page - Powerex Power Semiconductors PS12038 Datasheet HTML 3Page - Powerex Power Semiconductors PS12038 Datasheet HTML 4Page - Powerex Power Semiconductors PS12038 Datasheet HTML 5Page - Powerex Power Semiconductors PS12038 Datasheet HTML 6Page - Powerex Power Semiconductors PS12038 Datasheet HTML 7Page - Powerex Power Semiconductors PS12038 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
109
PS12038
Intellimod™ Module
Application Specific IPM
25 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
050
100
-50
150
0
JUNCTION TEMPERATURE, Tj, (°C)
INPUT VOLTAGE VS.
JUNCTION TEMPERATURE (TYPICAL)
(CONTROL PART)
6
5
4
3
2
1
050
100
-50
150
0
15.0
12.5
10.0
7.5
5.0
2.5
VD = VDB = 15V
VCIN(off)
VCIN(on)
CASE TEMPERATURE, TC, (°C)
OVER CURRENT TRIP LEVEL
VS. JUNCTION TEMPERATURE (TYPICAL)
(CONTROL PART)
010
20
30
40
50
60
1
0
4
6
5
2
3
COLLECTOR CURRENT, IC, (AMPERES)
INVERTER DC-LINK IGBT CURRENT
VS. COLLECTOR CURRENT (TYPICAL)
(CONTROL PART)
VD = VDB = 15V
25
°C
125
°C
CASE TEMPERATURE, TC, (°C)
CONTROL SUPPLY VOLTAGE TRIP-RESET
LEVEL TEMPERATURE DEPENDENCY (TYPICAL)
(CONTROL PART, N-SIDE)
VD = VDB = 15V
UVDr
UVD
10-1
100
101
102
100
COLLECTOR CURRENT, IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
(FWDi PART)
101
102
VCC = 600V
VD = VDB = 15V
INDUCTIVE LOAD
Tj = 25
oC
Tj = 125
oC
10-1
100
101
102
VCC = 600V
VD = VDB = 15V
INDUCTIVE LOAD
Tj = 25
oC
Tj = 125
oC
10-2
COLLECTOR CURRENT, IC, (AMPERES)
REVERSE RECOVERY TIME VS.
COLLECTOR CURRENT (TYPICAL)
(FWDi PART)
10-1
100
02
6
100
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
(FWDi PART)
101
102
13
4
5
VD = VDB = 15V
Tj = 25
oC
Tj = 125
oC
050
100
-50
150
12.0
11.5
11.0
10.5
10.0
9.5
9.0
CONTROL SUPPLY VOLTAGE TRIP-RESET
LEVEL TEMPERATURE DEPENDENCY (TYPICAL)
(CONTROL PART, P-SIDE)
CASE TEMPERATURE, TC, (°C)
VD = VDB = 15V
UVDBr
UVDB
050
100
-50
150
53
52
51
50
49
05
10
15
20
25
5.0
2.5
0
12.5
7.5
10.0
CARRIER FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY (TYPICAL)
(CONTROL PART)
VD = VDB = 15V
25
°C
125
°C
IDN
IDP
VD = VDB = 15V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com