Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV755P Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 12Page - Texas Instruments TLV755P Datasheet HTML 13Page - Texas Instruments TLV755P Datasheet HTML 14Page - Texas Instruments TLV755P Datasheet HTML 15Page - Texas Instruments TLV755P Datasheet HTML 16Page - Texas Instruments TLV755P Datasheet HTML 17Page - Texas Instruments TLV755P Datasheet HTML 18Page - Texas Instruments TLV755P Datasheet HTML 19Page - Texas Instruments TLV755P Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Input Voltage
Output Voltage
Output Voltage in
normal regulation.
Dropout
VOUT = VIN - VDO
VIN = VOUT(nom) + VDO
Response time for
LDO to get back into
regulation.
Load current discharges
output voltage.
Time
Figure 7-1. Start-Up Into Dropout
Line transients out of dropout can also cause overshoot on the output of the regulator. These overshoots are
caused by the error amplifier having to drive the gate capacitance of the pass transistor and bring the gate
back to the correct voltage for proper regulation. Figure 7-2 illustrates what is happening internally with the gate
voltage and how overshoot is caused during operation. When the LDO is placed in dropout, the gate voltage
(VGS) is pulled all the way down to ground to give the pass transistor the lowest on-resistance as possible.
However, if a line transient occurs when the device is in dropout, the loop is not in regulation and causes the
output to overshoot until the loop responds and the output current pulls the output voltage back down into
regulation. If these transients are not acceptable, then continue to add input capacitance in the system until the
transient is slow enough to reduce the overshoot.
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com