Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV755P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 2Page - Texas Instruments TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
5.5 Electrical Characteristics (continued)
at operating temperature range (TJ =–40°C to 125°C), VIN=VOUT(NOM) + 0.5V or 2.0V (whichever is greater), IOUT = 1mA, VEN
= VIN, and CIN = COUT = 1μF (unless otherwise noted); all typical values at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDO
Dropout voltage
IOUT =
500mA,
−40°C ≤ TJ ≤
+85°C
0.6V ≤ VOUT < 0.8V
675
1080
mV
0.8 V ≤ VOUT < 1.0V
600
930
0.8 V ≤ VOUT < 1.0V, DYD package
600
950
1.0V ≤ VOUT < 1.2V
550
780
1.0V ≤ VOUT < 1.2V, DYD package
550
800
1.2V ≤ VOUT < 1.5V
500
630
1.2V ≤ VOUT < 1.5V, DYD package
500
650
1.5V ≤ VOUT < 1.8V
350
400
1.5V ≤ VOUT < 1.8V, DYD package
350
420
1.8V ≤ VOUT < 2.5V
325
380
1.8V ≤ VOUT < 2.5V, DYD package
325
400
2.5V ≤ VOUT < 3.3V
250
300
2.5V ≤ VOUT < 3.3V, DYD package
250
320
3.3V ≤ VOUT < 5.0V
150
215
3.3V ≤ VOUT < 5.0V, DYD package
150
238
IOUT =
500mA,
−40°C ≤ TJ ≤
+125°C
0.6V ≤ VOUT < 0.8V
1140
0.8V ≤ VOUT < 1.0V
985
0.8V ≤ VOUT < 1.0V, DYD package
1005
1.0V ≤ VOUT < 1.2V
825
1.0V ≤ VOUT < 1.2V, DYD package
845
1.2V ≤ VOUT < 1.5V
665
1.2V ≤ VOUT < 1.5V, DYD package
685
1.5V ≤ VOUT < 1.8V
425
1.5V ≤ VOUT < 1.8V, DYD package
445
1.8V ≤ VOUT < 2.5V
400
1.8V ≤ VOUT < 2.5V, DYD package
420
2.5V ≤ VOUT < 3.3V
325
2.5V ≤ VOUT < 3.3V, DYD package
345
3.3V ≤ VOUT < 5.0V
238
3.3V ≤ VOUT < 5.0V, DYD package
258
PSRR
Power-supply rejection ratio
f = 1kHz, VIN = VOUT + 1V, IOUT = 50mA
52
dB
f = 100kHz, VIN = VOUT + 1V, IOUT = 50mA
46
f = 1MHz, VIN = VOUT + 1 V, IOUT = 50mA
52
VN
Output noise voltage
BW = 10Hz to 100kHz; VOUT = 1.2V, IOUT = 50 mA
71.5
µVRMS
VUVLO
Undervoltage lockout
VIN rising
1.21
1.3
1.44
V
VUVLO,HYST
Undervoltage lockout hysteresis
VIN falling
40
mV
tSTR
Startup time
550
µs
VHI
EN pin high voltage (enabled)
1
V
VLO
EN pin low voltage (enabled)
0.3
V
IEN
Enable pin current
EN = 5.5V
10
nA
TSD
Thermal shutdown
Shutdown, temperature increasing
165
°C
Reset, temperature decreasing
155
RPULLDOWN
Pulldown resistance
VIN = 5.5V
120
Ω
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com