Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV75801PDBVT Datasheet HTML 1Page - Texas Instruments TLV75801PDBVT Datasheet HTML 2Page - Texas Instruments TLV75801PDBVT Datasheet HTML 3Page - Texas Instruments TLV75801PDBVT Datasheet HTML 4Page - Texas Instruments TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4 Pin Configuration and Functions
1
OUT
6
IN
2
FB
5
DNC
3
GND
4
EN
Not to scale
Thermal
pad
Figure 4-1. DRV Package, 6-Pin Adjustable WSON
(Top View)
1
IN
2
GND
3
EN
4
FB
5
OUT
Not to scale
Figure 4-2. DBV Package, 5-Pin Adjustable SOT-23
(Top View)
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DNC
5
—
Do not connect
EN
4
Input
Enable pin. Drive EN greater than VEN(HI) to turn on the regulator.
Drive EN less than VEN(LO) to put the LDO into shutdown mode.
FB
2
—
This pin is used as an input to the control loop error amplifier and is used to set the output
voltage of the LDO.
GND
3
—
Ground pin
IN
6
Input
Input pin. For best transient response and to minimize input impedance, use the
recommended value or larger ceramic capacitor from IN to ground as listed in the
Recommended Operating Conditions table and the Input and Output Capacitor Selection
section. Place the input capacitor as close to the output of the device as possible.
OUT
1
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for stability. For
best transient response, use the nominal recommended value or larger ceramic capacitor
from OUT to ground; see the Recommended Operating Conditions table and the Input and
Output Capacitor Selection section. Place the output capacitor as close to output of the
device as possible.
Thermal pad
Pad
—
Connect the thermal pad to a large area GND plane for improved thermal performance.
www.ti.com
TLV758P
SBVS351D – APRIL 2018 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV758P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com