Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV75801PDBVT Datasheet HTML 4Page - Texas Instruments TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments TLV75801PDBVT Datasheet HTML 10Page - Texas Instruments TLV75801PDBVT Datasheet HTML 11Page - Texas Instruments TLV75801PDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
5.6 Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN,
and CIN = COUT = 1 µF (unless otherwise noted)
Output Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
300
400
500
600
700
800
900
1,000
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
IOUT = 500 mA
Figure 5-7. VDO vs VOUT
Output Current (A)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
100
200
300
400
500
600
700
800
TJ
±
q
C
±
q
C
±
q
C
0qC
25qC
85qC
125qC
150qC
Figure 5-8. IGND vs IOUT
Input Voltage (V)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
-300
0
300
600
900
1,200
1,500
1,800
2,100
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
VEN = 0 V
Figure 5-9. ISHDN vs VIN
Input Voltage (V)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
-80
0
80
160
240
320
400
480
560
TJ
±
q
C
±
q
C
±
q
C
0qC
25qC
85qC
125qC
150qC
VOUT = 3.3 V, IOUT = 0 mA
Figure 5-10. IQ vs VIN
Output Current (A)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
VIN = 3.8 V, VOUT = 3.3 V
Figure 5-11. 3.3-V Load Regulation vs IOUT
Output Current (A)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.6
-0.45
-0.3
-0.15
0
0.15
0.3
0.45
0.6
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
VIN = 2 V, VOUT = 0.55 V
Figure 5-12. 0.55-V Load Regulation vs IOUT
TLV758P
SBVS351D – APRIL 2018 – REVISED OCTOBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV758P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com