Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments TLV75801PDBVT Datasheet HTML 10Page - Texas Instruments TLV75801PDBVT Datasheet HTML 11Page - Texas Instruments TLV75801PDBVT Datasheet HTML 12Page - Texas Instruments TLV75801PDBVT Datasheet HTML 13Page - Texas Instruments TLV75801PDBVT Datasheet HTML 14Page - Texas Instruments TLV75801PDBVT Datasheet HTML 15Page - Texas Instruments TLV75801PDBVT Datasheet HTML 16Page - Texas Instruments TLV75801PDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
6 Detailed Description
6.1 Overview
The TLV758P low-dropout regulators (LDO) consumes low quiescent current and delivers excellent line and
load transient performance. These characteristics, combined with low noise and good PSRR with low dropout
voltage, make this device designed for portable consumer applications.
This regulator offers foldback current limit, shutdown, and thermal protection. The operating junction temperature
for this device is –40°C to +125°C.
6.2 Functional Block Diagram
+
–
Band Gap
Thermal
Shutdown
UVLO
Logic
Current
Limit
95
IN
EN
GND
OUT
FB
6.3 Feature Description
6.3.1 Undervoltage Lockout (UVLO)
The TLV758P uses an undervoltage lockout (UVLO) circuit that disables the output until the input voltage
is greater than the rising UVLO voltage (VUVLO). This circuit ensures that the device does not exhibit any
unpredictable behavior when the supply voltage is lower than the operational range of the internal circuitry.
When VIN is less than VUVLO, the output is connected to ground with a pulldown resistor (RPULLDOWN).
6.3.2 Shutdown
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VEN(HI). Turn off the device
by forcing the EN pin to drop below VEN(LO). If shutdown capability is not required, connect EN to IN.
The TLV758P has an internal pulldown MOSFET that connects an RPULLDOWN resistor to ground when the
device is disabled. The discharge time after disabling depends on the output capacitance (COUT) and the load
resistance (RL) in parallel with the pulldown resistor (RPULLDOWN). Equation 1 calculates the time constant:
τ = ( RPULLDOWN × RL) / (RPULLDOWN + RL)
(1)
6.3.3 Foldback Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a hybrid brick-wall-foldback scheme. The current limit transitions from a
brick-wall scheme to a foldback scheme at the foldback voltage (VFOLDBACK). In a high-load current fault with
the output voltage above VFOLDBACK, the brick-wall scheme limits the output current to the current limit (ICL).
When the voltage drops below VFOLDBACK, a foldback current limit activates that scales back the current as the
www.ti.com
TLV758P
SBVS351D – APRIL 2018 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV758P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com