Electronic Components Datasheet Search
  English  ▼

X  

OFN20 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # OFN20
Description  20W Wide Input,Non-Isolated Single Inline DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFN20 Datasheet(HTML) 3 Page - Astrodyne Corporation

  OFN20 Datasheet HTML 1Page - Astrodyne Corporation OFN20 Datasheet HTML 2Page - Astrodyne Corporation OFN20 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
O P N 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Typical Transient Response to Step Load Change from 0% to
100% of lo, max at Room Temperature and 5V Input
(Waveform Averaged to Eliminate Ripple Component.)
Time, t(100μs/div)
MECHANICAL DIMENSIONS AND CURVE
2.50(63.5)
1.90(48.3)
0.26(6.6)
0.13(3.3)
0.13(3.3)
0.28(7.1)
0.10(2.54)
0.55
(14.0)
1
5
6
11
0.025(0.64) Square pin
DC-DC POWER SIP
0.12
(3.0)
2.50(63.5)
1.90(48.3)
0.09(2.3)
0.12(3.0)
0.27(6.9)
0.28(7.1)
0.10(2.54)
0.55
(14.0)
1
5
6
11
0.025(0.64) Square pin
DC-DC POWER SIP
(-H) Model
Pin#
Define
1
+OUTPUT
2
+OUTPUT
3
Sense (option) or no pin
4
+OUTPUT
5
GND
6
GND
7
+INPUT
8
+INPUT
9
Power OK (option) or no pin
10
TRIM
11
REMOTE ON-OFF
OPN20-05S3P3 Deratin Curve
(A)
100
LMF
200
LMF
300
LMF
(℃)
Ambient Temperature(℃)
-40
85
0
25
40
55 60 65 70 75 80
0
6
5
4
3
2
1
(℃)
OPN20-03S2P5 Derating Curve
(A)
0
6
5
4
3
2
1
100
LMF
200
LMF
300
LMF
NATURAL
CONVECTION
COOLING
-40
Ambient Temperature(℃)
85
0
25
40
55 60 65 70 75 80
NATURAL
CONVECTION
COOLING
g
EXTERNAL OUTPUT TRIMMING
Output can be trimmed by using the method below.
5
10
TRIM UP
RU
10
2
TRIM DOWN
RD
Dimensions are Inches (mm)
Pin pitch tolerance ± 0.014 (0.35)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com