Electronic Components Datasheet Search
  English  ▼

X  

OFN20 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # OFN20
Description  20W Wide Input,Non-Isolated Single Inline DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFN20 Datasheet(HTML) 1 Page - Astrodyne Corporation

  OFN20 Datasheet HTML 1Page - Astrodyne Corporation OFN20 Datasheet HTML 2Page - Astrodyne Corporation OFN20 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
O P N 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Non-Isolated Converter
High Efficiency to 91%
1.5VDC to 3.3VDC Outputs
On/Off Control Function
Adjustable Output Voltage
Small SIP Package Style
Model Number
Input Range
Output Voltage
Output Amps
Efficiency
OPN20-03S2P5
3.0-3.6VDC
2.5VDC
6A
86%
OPN20-03S2P1
3.0-3.6VDC
2.1VDC
6A
84%
OPN20-03S1P8
3.0-3.6VDC
1.8VDC
6A
82%
OPN20-03S1P5
3.0-3.6VDC
1.5VDC
6A
80%
OPN20-05S3P3
4.5-5.5VDC
3.3VDC
6A
89%
OPN20-05S2P5
4.5-5.5VDC
2.5VDC
6A
87%
OPN20-05S2P1
4.5-5.5VDC
2.1VDC
6A
85%
OPN20-05S1P8
4.5-5.5VDC
1.8VDC
6A
84%
OPN20-05S1P5
4.5-5.5VDC
1.5VDC
6A
82%
Order On-Line!
astrodyne.com
Unit measures 2.5”L x 0.55”W x 0.26”H


Similar Part No. - OFN20

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFNS-13-187-01 RICHCO-OFNS-13-187-01 Datasheet
32Kb / 1P
OPTICAL FIBER NETOWRK SADDLE
OFNS-13-187-19 RICHCO-OFNS-13-187-19 Datasheet
32Kb / 1P
OPTICAL FIBER NETOWRK SADDLE
OFNS-13-250-01 RICHCO-OFNS-13-250-01 Datasheet
32Kb / 1P
OPTICAL FIBER NETOWRK SADDLE
OFNS-13-250-19 RICHCO-OFNS-13-250-19 Datasheet
32Kb / 1P
OPTICAL FIBER NETOWRK SADDLE
OFNS-13-312-01 RICHCO-OFNS-13-312-01 Datasheet
32Kb / 1P
OPTICAL FIBER NETOWRK SADDLE
More results

Similar Description - OFN20

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
Non-Isolated Wide Input DC-DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
Non-Isolated, Wide Input SMT DC/DC Converters
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
Non-Isolated Wide Input DC/DC Converters
logo
Astrodyne Corporation
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com