Electronic Components Datasheet Search
  English  ▼

X  

OFN20 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # OFN20
Description  20W Wide Input,Non-Isolated Single Inline DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFN20 Datasheet(HTML) 2 Page - Astrodyne Corporation

  OFN20 Datasheet HTML 1Page - Astrodyne Corporation OFN20 Datasheet HTML 2Page - Astrodyne Corporation OFN20 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
O P N 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage, Nominal
3.3VDC(Note 2)
5VDC
Input Voltage Ranges
3.0 - 3.6VDC
4.5-5.5 VDC
Maximum Input Current
6A (Note 4)
On/Off Control
(Ref to -Input pin)
Open or 0V<VR<1V=ON
3.3Vin
2.4V<Vr<6V=OFF
5Vin
3.2V<Vr<6V
Input Reflected Ripple
625mA rms
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Preset Accuracy
+/- 2.7% max.
Rise Time
80% FL and Nom Vin
8mS, typ.
Min Load
None
Load Regulation
(0% - FL)
+/- 0.5%
Line Regulation
+/- 0.5%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise (Pk-Pk, typ),
20Mhz BW
100mV
Overvoltage Protection
Clamp, 130-150% *
Short Circuit Protection
Continuous, self-recovering
Transient Response Recovery
Time (See Fig 1)
Load step change
100%-0% or 0%-100%
1A/10uS Nominal Input
Peak Deviation
80mV
Settling Time
200uSec
Max External Load Capacitance 10,000uF
O/P Current Limit (Note 1)
Latching
Voltage Adjust (See Fig 2)
+/-10%
GENERAL SPECIFICATIONS
Input-Output Isolation
None
In/Out Capacitance
1000 pF
Efficiency (Note 5)
See Selection Chart
Switching Frequency
500Khz, typ.
Dimensions (See Fig 3.)
2.5” x 0.55” x 0.26”
(63.5 x 14.0 x 6.6mm)
Weight
0.3oz (8.5g)
MTBF (Note 3)
2.064x10-6th Hrs
ENVIRONMENTAL SPECIFICATIONS
Oper. Temp. Range (See Fig 4)
-40 to +85 DegC(FL)
Storage Temperature Range
-55 to +105 DegC *
Thermal Shock
Mil Std 810D
Over Temp Protection
+125DegC
MTBF
1,000,000 Hrs
Mil Std 217, 25C
Shock/Vibration
To MIL-STD 810C
EMC SPECIFICATIONS
Conducted Emissions
EN55022, Level A
Radiated Emissions
EN55022, Level A
Conducted Immunity
EN61000-4-6, Criteria 2
NOTES
1. Starting the Product into a Short Circuit Mode will damage the device.
2. In order to meet all specifications for the 3.3Vin models, an external capacitor
is needed on the input. The capacitor is SANYO OS-CON,SA-Series, 68uF/10V.
3. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40DegC.
(Ground fixed and controlled environment)
4. Maximum value at nominal input voltage and full load.
5. Minimum value at nominal input voltage and full load.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com