Electronic Components Datasheet Search
  English  ▼

X  

TA7745F/FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7745F/FG
Description  3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7745F/FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7745F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TA7745P/PG/F/FG
2006-3-2
4
Electrical Characteristics (Unless otherwise specified, Ta = 25°C)
Characteristics
Symbol
Test
Cir−
cuit
Test Condition
Min
Typ.
Max
Unit
ICC1
VCC = 5 V, Output “OPEN”
0.5
1
3.0
ICC2
VCC = 9 V, Output “OPEN”
0.6
1.3
3.5
Supply current
ICC3
VCC = 12 V, Output “OPEN”
0.7
1.5
5.0
mA
VSL−1
IO = 0.1 A
―
0.12
0.3
La, Lb, Lc Side
VSL−2
IO = 0.5 A
―
0.5
1.0
Saturation
voltage
ℓa, ℓb, ℓc Side
VSU
Iℓ = 1.0 mA
―
―
0.2
V
Sensitivity
VH
―
20
―
mV
Position
sensing input
Operating DC level
CMR−H
1
―
VCC−1.5
V
Diode forward voltage
VF
IF = 1 A
―
2.0
―
V
Forward
VFWD
Source current mode
3.9
―
VCC
Stop
VSTOP
No current flow
(Note)
1.8
―
2.6
Rotation control
input voltage
Reverse
VRVS
Sink current mode
0
―
0.9
V
Saturation voltage differential
(La, Lb, Lc Side)
∆VS
IO = 200 mA
―
―
50
mV
Leakage current
IL
V = 18 V
―
―
50
µA
Note:
The IC puts the motor in the stop mode even when pin 8 is open.
Applying VFWD to the pin puts the IC in the source mode. Applying VRVS puts the IC in the sink mode.
Applying VSTOP prevents a current flow.
TA7745P/PG
TA7745F/FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com