Electronic Components Datasheet Search
  English  ▼

X  

TA7745F/FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7745F/FG
Description  3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7745F/FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7745F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA7745P/PG/F/FG
2006-3-2
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA7745P/PG, TA7745F/FG
3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
Features
Three-phase, full-wave (and half-wave) driving
Voltage control system
Forward rotation, reverse rotation, and stop can be controlled
using only one pin
High efficiency is obtained.
Housed in a flat package (type F/FG only)
Operating voltage range : VCC = 4.0 to 15 V
VS = 2 to 15 V
High sensitivity of position sensing inputs, having a hysteresis
: VH = 20 mVp−p (typ.)
Output current
: IO (max) = 1.0 A
Built-in thermal shutdown circuit
Block Diagram
TA7745P/PG
TA7745F/FG
Weight
DIP16−P−300−2.54A: 1.11 g (typ.)
SSOP16−P−225−1.00A: 0.14 g (typ.)
The TA7745PG/FG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Similar Part No. - TA7745F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7745F TOSHIBA-TA7745F Datasheet
264Kb / 8P
DC MOTOR DRIVER
More results

Similar Description - TA7745F/FG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
3-phase full-wave motor driver IC
logo
Toshiba Semiconductor
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
Three-Phase Full-Wave Brushless DC Motor Driver IC
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com