Electronic Components Datasheet Search
  English  ▼

X  

TA7745F/FG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA7745F/FG
Description  3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7745F/FG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA7745F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7745F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA7745P/PG/F/FG
2006-3-2
3
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
VCC
18
V
Supply voltage
VS
18
V
IO
1.0
A
Output current
Iℓ
20.0
mA
350
TA7745P/PG
550 (Note)
Power dissipation
TA7745F/FG
PD
1200
mW
Operating temperature
Topr
−30 to 75
°C
Storage temperature
Tstg
−55 to 150
°C
Note:
This rating is obtained by mounting on 20 × 20 × 0.8 mm PCB that occupied above 60% of copper area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com