Electronic Components Datasheet Search
  English  ▼

X  

LTC1921 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1921
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1921 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1921 Datasheet HTML 4Page - Analog Devices LTC1921 Datasheet HTML 5Page - Analog Devices LTC1921 Datasheet HTML 6Page - Analog Devices LTC1921 Datasheet HTML 7Page - Analog Devices LTC1921 Datasheet HTML 8Page - Analog Devices LTC1921 Datasheet HTML 9Page - Analog Devices LTC1921 Datasheet HTML 10Page - Analog Devices LTC1921 Datasheet HTML 11Page - Analog Devices LTC1921 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1990-10
8
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Voltage Range
vs Single Supply Voltage
Input Voltage Range
vs Split Supply Voltage
Common Mode Rejection Ratio
vs Frequency
Gain vs Frequency
Slew Rate vs Temperature
Output Impedance vs Frequency
Power Supply Rejection Ratio
vs Frequency
–3dB Bandwidth
vs Supply Voltage
Slew Rate vs Supply Voltage
POSITIVE SUPPLY VOLTAGE (V)
250
200
150
100
50
0
–50
–100
1990 G10
3
5
7
9
11
13
15
V– = 0V
TA = –40°C TO 85°C
VREF = 1.25V
VREF = 1.25V
VREF = 4V
VREF = 4V
VREF = 2.5V
VREF = 2.5V
SUPPLY VOLTAGE (V)
1
300
200
100
0
–100
–200
–300
7
11
1990 G11
3
5
9
13
15
VREF = 0V
TA = –40°C TO 85°C
FREQUENCY(Hz)
100
10
0
20
30
40
50
60
70
80
90
100
1k
1M
1990 G12
10k
100k
VS = 5V, 0V
TA = 25°C
REFERRED TO INPUT
1990 G13
FREQUENCY (Hz)
100
–60
–50
–40
–30
–20
–10
0
10
20
30
40
1k
100k
10k
1M
10M
VS = 5V, 0V
TA = 25°C
60
70
80
90
100
110
120
130
140
150
160
1990 G14
SUPPLY VOLTAGE (±V)
0
16
4
8
12
2
6
10
14
TA = 25°V
VOUT = HALF SUPPLY
NO LOAD
TA = –55°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
SUPPLY VOLTAGE (±V)
1990 G15
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
6
4
2
8
10
12
14
16
–SR
+SR
TA = 25°C
NO LOAD
TEMPERATURE (°C)
1990 G16
–50
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
–25
25
50
75
100 125
–SR
+SR
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
1990 G17
100
1
10
100
1k
1k
10k
100k
1M
NO LOAD
RL = 10k
VS = 5V, 0V
TA = 25°C
FREQUENCY (Hz)
1990 G18
100
0
30
20
10
90
80
70
60
50
40
100
1k
10k
100k
1M
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = 5V, 0V
TA = 25°C
REFERRED TO INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com