Electronic Components Datasheet Search
  English  ▼

X  

LTC1921 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1921
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1921 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1921 Datasheet HTML 8Page - Analog Devices LTC1921 Datasheet HTML 9Page - Analog Devices LTC1921 Datasheet HTML 10Page - Analog Devices LTC1921 Datasheet HTML 11Page - Analog Devices LTC1921 Datasheet HTML 12Page - Analog Devices LTC1921 Datasheet HTML 13Page - Analog Devices LTC1921 Datasheet HTML 14Page - Analog Devices LTC1921 Datasheet HTML 15Page - Analog Devices LTC1921 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1990-10
12
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Primary Features
The LT1990-10 is a complete gain-block solution for
high input common mode voltage applications. The part
combines a low-power precision operational amplifier
with thin-film resistors trimmed to produce a gain of 10
with high accuracy. The Block Diagram shows the inter-
nal architecture of the part. The on-chip resistors form a
modified difference-amplifier including a reference port for
introducingoffsetorotheradditivewaveforms.Theresistor
network is structured to produce internal common mode
voltage division of 27, enabling a very large input range.
The input range can far exceed the power supply voltage(s)
used by the LT1990-10 itself. Standard ESD clamp diodes
are included on all the I/O except the –IN and +IN pins.
The inputs are rated to ±250V and protected to ±500V. The
LT1990-10 is ideally suited to situations where relatively
smallsignalsneedtobeextractedfromhighvoltagecircuits,
asisthecaseinmanyinstrumentationapplications.Withits
wide input voltage range and greater than 1 megohm input
impedances, development of instrumentation designs is
greatly simplified with the LT1990-10 single-chip solution
over conventional discrete methods.
Classic Difference Amplifier
The basic gain of ten difference amplifier topology has the
following dc transfer function:
VO = 10·(V+IN – V–IN) + VREF
By including the internal common mode division by 27,
the input common mode range capability is extended up
to ±250V according to the following relationships:
VCM+ ≤ 27 • V+ – 26 • VREF – 23
VCM– ≥ 27 • V– – 26 • VREF + 27
Forsplitsuppliesoverabout±11V,thefull±250Vcommon
moderangeisnormallyavailable(withVREFasmallfraction
of the supply). With lower supply voltages, an appropriate
selection of VREF can tailor the input common mode range
to a specific requirement. For single supply circuits, VREF
should be greater than V– to allow bidirectional output
swing and to keep the inputs of the internal op amp within
their operating region. Note: the differential input voltage
range is reduced as VCM approaches its limits. The follow-
ing low supply-voltage scenarios are readily implemented
with the LT1990-10:
Table 1.
Supply
VREF
VCM Range
3V
1.25V
–5V to 25V (e.g. 12V Automotive Environment)
5V
1.25V
–5V to 80V (e.g. 42V Automotive Environment)
5V
4.00V
–77V to 8V (e.g. Telecom Environment;
Use Downward Signaling)
Preserving and Enhancing Common Mode Rejection
ThebasicdifferenceamplifiertopologyoftheLT1990-10is
sensitive to the external resistances of circuits driving the
part. To preserve the high accuracy of the LT1990-10, the
source impedance of any signal connected to the REF pin
must be on the order of a few ohms or less, such as from
a Reference or op-amp output. The difference inputs have
nominal 1 megohm internal resistances that are matched
to within a few hundred ohms, so source resistances
should also be kept low to maximize accuracy and CMRR.
WhileeveryLT1990-10isfactorytrimmed,someprecision
applications with a large applied common mode voltage
may benefit from a trim method to further minimize com-
mon mode error. This is easily accomplished as shown in
Figure 1. A series resistance is added to each input: a fixed
1kΩ in series with one of the inputs and a 2kΩ trimmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com