Electronic Components Datasheet Search
  English  ▼

X  

LTC1921 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1921
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1921 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1921 Datasheet HTML 5Page - Analog Devices LTC1921 Datasheet HTML 6Page - Analog Devices LTC1921 Datasheet HTML 7Page - Analog Devices LTC1921 Datasheet HTML 8Page - Analog Devices LTC1921 Datasheet HTML 9Page - Analog Devices LTC1921 Datasheet HTML 10Page - Analog Devices LTC1921 Datasheet HTML 11Page - Analog Devices LTC1921 Datasheet HTML 12Page - Analog Devices LTC1921 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1990-10
9
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time vs Output Step
Warm–up Drift
Voltage Noise Density
vs Frequency
Overshoot vs Capacitive Load
Small Signal Transient Response
0.1Hz to 10Hz Noise Voltage
Instability with
Output Saturated to V+
0.01Hz to 1Hz Noise Voltage
Small Signal Transient Response
TIME AFTER POWER–UP (S)
1990 G19
0
–30
30
20
10
0
–10
–20
40
10
40
30
20
50
60
VS = ±15V
TA = 25°C
REFERRED TO INPUT
OUTPUT STEP (V)
1990 G20
–10
5
10
15
20
25
30
–6
–8
–4
4
2
0
–2
6
8 10
VS = ±15V
RL = 10k
0.01% OF
STEP
0.01% OF
STEP
0.1% OF
STEP
0.1% OF
STEP
FREQUENCY (Hz)
1990 G21
1
100
1000
10000
10
100
1k
10k
VS = ±1.5V TO ±15V
TA = 25°C
REFERRED TO INPUT
TIME (S)
1990 G22
0
5
4
3
2
1
8
7
6
9 10
VS = ±1.5V TO ±15V
TA = 25°C
REFERRED TO INPUT
VS = ±1.5V TO ±15V
TA = 25°C
REFERRED TO INPUT
TIME (S)
0 10 20 30 40 50 60 70 80 90 100
199010 G23
CAPACITIVE LOAD (pF)
10
60
50
40
30
20
10
0
100
1990 G24
1000
10000
VS = 3V, 0V
VS = ±15V
VOUT = ±50mV
RL = 10k
0
200
400
600
800
1000
1200
1400
1990 G25
SUPPLY VOLTAGE (V)
0
30
10
20
5
15
25
ILOAD = 5mA
ILOAD = 4mA
ILOAD = 3mA
ILOAD = 2mA
ILOAD = 1mA
STABLE
STABLE
UNSTABLE
STABLE
50µs/DIV
1990 G26
VS = 3V, 0V
RL = 10k
VREF = 1.5V
VS = ±15V
RL=10k
VREF=GND
50µs/DIV
199010 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com