Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 5 Page - Analog Devices

Part # LT1990
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1990 Datasheet(HTML) 5 Page - Analog Devices

  LT1990 Datasheet HTML 1Page - Analog Devices LT1990 Datasheet HTML 2Page - Analog Devices LT1990 Datasheet HTML 3Page - Analog Devices LT1990 Datasheet HTML 4Page - Analog Devices LT1990 Datasheet HTML 5Page - Analog Devices LT1990 Datasheet HTML 6Page - Analog Devices LT1990 Datasheet HTML 7Page - Analog Devices LT1990 Datasheet HTML 8Page - Analog Devices LT1990 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1990-10
5
Rev 0
For more information www.analog.com
±15V ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
G
Gain
10
∆G
Gain Error
VOUT = ±10V
0.2
0.8
%
GNL
Gain Nonlinearity
VOUT = ±10V
0.005
0.02
%
VCM
Input Voltage Range
Guaranteed by CMRR
-250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
60
72
dB
VOS
Offset Voltage, RTI
0.9
5.2
mV
Input Noise Voltage, RTI
fO = 0.1Hz to 10Hz
30
µVP-P
en
Noise Voltage Density, RTI
fO = 1kHz
1
µV/√Hz
RIN
Input Resistance
Differential
Common Mode
2
0.5
MΩ
MΩ
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±18V, VCM = VREF = 1.25V
82
100
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.2
±1.35
V
IS
Supply Current
200
275
µA
VOUT
Output Voltage Swing
±14.5
±14.75
V
ISC
Output Short-Circuit Current
Short to V-
Short to V+
6
15
9
22
mA
mA
BW
Bandwidth (–3dB)
110
kHz
SR
Slew Rate
VOUT = ±10V, No RL
0.8
1.2
V/µs
Settling Time to 0.01%
10V Output Step
25
µs
AVREF
Reference Gain to Output
1 ± 0.007
VS = ±15V, RL = 10kΩ, VCM = VREF = 0V, TA = 25°C, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com