Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1990
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1990 Datasheet(HTML) 3 Page - Analog Devices

  LT1990 Datasheet HTML 1Page - Analog Devices LT1990 Datasheet HTML 2Page - Analog Devices LT1990 Datasheet HTML 3Page - Analog Devices LT1990 Datasheet HTML 4Page - Analog Devices LT1990 Datasheet HTML 5Page - Analog Devices LT1990 Datasheet HTML 6Page - Analog Devices LT1990 Datasheet HTML 7Page - Analog Devices LT1990 Datasheet HTML 8Page - Analog Devices LT1990 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1990-10
3
Rev 0
For more information www.analog.com
3V/5V ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
G
Gain
10
∆G
Gain Error
VOUT = 0.5V to (+VS) –0.75V
0.2
0.8
%
GNL
Gain Nonlinearity
VS = 5V, 0V; VOUT = 0.5V to 4.25V
0.01
%
VCM
Input Voltage Range
Guaranteed by CMRR
VS = 3V, 0V; VREF = 1.25V
VS = 5V, 0V; VREF = 1.25V
VS = 5V, 0V; VREF = 2.5V
-5
-5
-38
25
80
47
V
V
V
CMRR
Common Mode Rejection Ratio
RTI (Referred to Input)
VS = 3V, 0V (Note 6)
VCM = –5V to 25V, VREF = 1.25V
60
72
dB
VS = 5V, 0V
VCM = –5V to 80V, VREF = 1.25V
60
72
dB
VS = 5V, 0V (Note 6)
VCM = –38V to 47V, VREF = 2.5V
60
72
dB
VOS
Offset Voltage, RTI
0.8
3
mV
Input Noise Voltage, RTI
fO = 0.1Hz to 10Hz
30
µVP-P
en
Noise Voltage Density, RTI
fO = 1kHz
1
µV/√Hz
RIN
Input Resistance
Differential
Common Mode
2
0.5
MΩ
MΩ
PSRR
Power Supply Rejection Ratio, RTI
VS = 2.7V to 12.7V, VCM = VREF = 1.25V
80
92
dB
Minimum Supply Voltage
Guaranteed by PSRR
2.4
2.7
V
IS
Supply Current
(Note 7)
160
180
µA
VOL
Output Voltage Swing LOW
–IN = V+, +IN = Half Supply (Note 7)
20
50
mV
VOH
Output Voltage Swing HIGH
–IN = 0V, +IN = Half Supply
VS = 3V, 0V, Below V+
VS = 5V, 0V, Below V+
80
100
150
175
mV
mV
ISC
Output Short-Circuit Current
Short to GND (Note 8)
Short to V+ (Note 8)
4
13
8
20
mA
mA
BW
Bandwidth (–3dB)
100
kHz
SR
Slew Rate
VS = 5V, 0V, VOUT = 0.5V to 4.5V
1
V/µs
Settling Time to 0.01%
4V Output Step, VS = 5V, 0V
20
µs
AVREF
Reference Gain to Output
1 ± 0.007
VS = V+, V–; VS = 3V, 0V; VS = 5V, 0V; RL = 10kΩ, VCM = VREF =
half supply, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com