Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 6 Page - Analog Devices

Part # LT1990
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1990 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT1990 Datasheet HTML 2Page - Analog Devices LT1990 Datasheet HTML 3Page - Analog Devices LT1990 Datasheet HTML 4Page - Analog Devices LT1990 Datasheet HTML 5Page - Analog Devices LT1990 Datasheet HTML 6Page - Analog Devices LT1990 Datasheet HTML 7Page - Analog Devices LT1990 Datasheet HTML 8Page - Analog Devices LT1990 Datasheet HTML 9Page - Analog Devices LT1990 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1990-10
6
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VOUT = ±10V
l
0.95
%
GNL
Gain Nonlinearity
VOUT = ±10V
l
0.03
%
∆G/∆T
Gain vs Temperature
(Note 9)
l
7
20
ppm/°C
VCM
Input Voltage Range
Guaranteed by CMRR
l
-250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
l
58
dB
VOS
Offset Voltage, RTI
l
6.7
mV
∆VOS/∆T Input Offset Voltage Drift, RTI
(Note 9)
l
5
22
µV/°C
VOSH
Input Offset Voltage Hysteresis, RTI
(Note 10)
l
250
µV
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±18V, VCM = VREF = 1.25V
l
78
dB
Minimum Supply Voltage
Guaranteed by PSRR
l
±1.35
V
IS
Supply Current
l
375
µA
VOUT
Output Voltage Swing
l
±14.3
V
ISC
Output Short-Circuit Current
Short to V-
Short to V+
l
l
3
10
mA
mA
SR
Slew Rate
VOUT = ±10V, No RL
l
0.4
V/µs
The l denotes the specifications which apply over the temperature range of
-40°C ≤ TA ≤ 85°C. VS = ±15V, RL = 10kΩ, VCM = VREF = 0V, unless otherwise noted. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: ESD (Electrostatic Discharge) sensitive device. Extensive use of
ESD protection devices are used internal to the LT1990-10, however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1990I-10 is designed, characterized and expected to be
functional over the operating temperature range of –55°C to 125°C, but is
not tested or QA sampled at these temperatures.
Note 5: The LT1990I-10 is guaranteed to meet specified performance from
–40°C to 85°C.
Note 6: Limits are guaranteed by correlation to –5V to 80V CMRR tests.
Note 7: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 8: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 9: This parameter is not 100% tested.
Note 10: Hysteresis in offset voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Offset voltage hysteresis is always measured at 25°C, but the
IC is cycled to 85°C or –40°C before successive measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com