Electronic Components Datasheet Search
  English  ▼

X  

LTC6910 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6910
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6910 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6910 Datasheet HTML 3Page - Analog Devices LTC6910 Datasheet HTML 4Page - Analog Devices LTC6910 Datasheet HTML 5Page - Analog Devices LTC6910 Datasheet HTML 6Page - Analog Devices LTC6910 Datasheet HTML 7Page - Analog Devices LTC6910 Datasheet HTML 8Page - Analog Devices LTC6910 Datasheet HTML 9Page - Analog Devices LTC6910 Datasheet HTML 10Page - Analog Devices LTC6910 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1990-10
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Supply Voltage
Supply Current
vs Temperature
Output Voltage Swing
vs Load Current (Source)
Output Voltage Swing
vs Input Voltage (Low)
Output Voltage Swing
vs Supply Voltage (High)
Output Voltage Swing vs Supply
Voltage (Low)
Output Voltage Swing
vs Input Voltage (High)
Output Short-Circuit Current
vs Supply Voltage
0
50
100
150
200
250
300
1990 G01
SUPPLY VOLTAGE (V)
0
40
10
20
30
5
15
25
35
TA = –55°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
VREF = VOUT = 1.25V
V– = 0V
TEMPERATURE (°C)
–50 –25
100
75
1990 G02
0
25
50
125
0
50
100
150
200
250
300
VS = 5V, 0V
OUTPUT CURRENT (mA)
0.001
0.01
0.1
1
10
100
1990 G03
TA = –55°C
TA = 25°C
TA = 125°C
VS = ±2.5V
–IN = 0V
+IN = 2.5V
– 10
– 1
– 0.1
– 0.01
OUTPUT CURRENT (mA)
100
10
1
0.1
0.01
0.001
1990 G04
10
1
0.1
0.01
TA = –55°C
TA = 25°C
TA = 125°C
VS = ±2.5V
–IN = 0V
+IN = –2.5V
Output Voltage Swing
vs Load Current (Sink)
DIFFERENTIAL INPUT VOLTAGE (±V)
0
0.2
0.1
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
1990 G05
–10
–1
–0.1
–0.01
TA = –55°C
TA = 25°C
TA = 125°C
VS = ±2.5V
NO LOAD
1990 G06
DIFFERENTIAL INPUT VOLTAGE (±V)
0
0.01
0.1
1
10
0.9
0.8
0.2
0.1
0.3
0.6 0.7
0.4 0.5
1.0
TA = –55°C
TA = 25°C
TA = 125°C
VS = ±2.5V
NO LOAD
SUPPLY VOLTAGE (±V)
1990 G07
0
2
4
6
8
10
12
14
16
VIN+ = V+/10
VIN+ = 2V
TA = 25°C
VIN–= 0V
NO LOAD
–1
–0.1
–0.01
SUPPLY VOLTAGE (±V)
0
0.01
0.1
1
8
12
1990 G08
4
2
6
10
14
16
VIN+ = V–/10
VIN+ = –2V
TA = 25°C
VIN– = 0V
NO LOAD
SOURCE
SINK
TA = –55°C
TA = –55°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = 25°C
SUPPLY VOLTAGE (±V)
0
2
4
6
8
10
12
14
16
–30
–25
–20
–15
–10
–5
0
5
10
15
20
199010 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com