Electronic Components Datasheet Search
  English  ▼

X  

LTC6910 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6910
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6910 Datasheet(HTML) 1 Page - Analog Devices

  LTC6910 Datasheet HTML 1Page - Analog Devices LTC6910 Datasheet HTML 2Page - Analog Devices LTC6910 Datasheet HTML 3Page - Analog Devices LTC6910 Datasheet HTML 4Page - Analog Devices LTC6910 Datasheet HTML 5Page - Analog Devices LTC6910 Datasheet HTML 6Page - Analog Devices LTC6910 Datasheet HTML 7Page - Analog Devices LTC6910 Datasheet HTML 8Page - Analog Devices LTC6910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1990-10
1
Rev 0
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
±250V Input Range,
100kHz, G =10, Micropower,
Difference Amplifier
The LT®1990-10 is a micropower precision difference am-
plifier with a very high common mode input voltage range,
a fixed gain of 10 and 100kHz bandwidth. The LT1990-10
operates over a ±250V common mode voltage range on a
±15V supply. The inputs are fault protected from common
mode voltage transients up to ±350V and differential
voltages up to ±500V. The LT1990-10 is ideally suited for
both high side and low side current or voltage monitoring.
On a single 5V supply, the LT1990-10 has an adjustable
85V input range, 60dB min CMRR and draws less than
180µA supply current. The rail-to-rail output maximizes
the dynamic range, especially important for single sup-
plies as low as 2.7V.
The LT1990-10 is specified for single 3V, 5V and ±15V
supplies over the industrial temperature range.
The LT1990-10 is available in the 8-pin SO and pin FMEA
compatible MSOP packages.
Full-Bridge Load Current Monitor
APPLICATIONS
n
Gain = 10
n
–3dB Bandwidth = 100kHz
n
High Common Mode Voltage Range:
n
±250V (VS = ±15V)
n
85V Window (VS = 5V, 0V)
n
Common Mode Rejection Ratio: 60dB Min
n
Input Protection to ±350V
n
Gain Error: 0.8% Max
n
PSRR: 82dB Min
n
High Input Impedance: 2MΩ Differential,
500kΩ Common Mode
n
Micropower: 180µA Max Supply Current
n
Wide Supply Range: 2.7V to 36V
n
Rail-to-Rail Output
n
8-pin SO and pin FMEA Compatible MSOP Packages
n
Battery Cell Voltage Monitoring
n
High Voltage Current Sensing
n
Signal Acquisition in Noisy Environments
n
Input Protection
n
Fault Protected Front Ends
n
Level Sensing
n
Isolation
All registered trademarks and trademarks are the property of their respective owners.
RS
+VSOURCE
IL
–12V ≤ VCM ≤ 73V
VOUT = VREF ± (10 • IL • RS)
–
+
40k 40k
100k
100k
900k
1M
1M
900k
10k
10k
VOUT
LT1990-10
LT6650
GND
IN
OUT
FB
54.9k
20k
1nF
1µF
VREF = 1.5V
199010 TA01
5V
+
–


Similar Part No. - LTC6910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-1 LINER-LTC6910-1 Datasheet
250Kb / 24P
Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1CTS8 LINER-LTC6910-1CTS8 Datasheet
250Kb / 24P
Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1HTS8 LINER-LTC6910-1HTS8 Datasheet
250Kb / 24P
Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1ITS8 LINER-LTC6910-1ITS8 Datasheet
250Kb / 24P
Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
Digitally Controlled Programmable Gain Amplifiers in SOT-23
More results

Similar Description - LTC6910

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
logo
Burr-Brown (TI)
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
222Kb / 16P
250V Input Range G = 1, 10, Micropower, Difference Amplifier
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
ADA4830-1 AD-ADA4830-1 Datasheet
458Kb / 22P
High Speed Difference Amplifier with Input
REV. C
logo
Linear Technology
LT1990 LINER-LT1990_15 Datasheet
276Kb / 16P
Micropower, Difference Amplifier
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Linear Technology
LT6376 LINER-LT6376 Datasheet
2Mb / 30P
짹230V Common Mode Voltage G = 10 Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com