Electronic Components Datasheet Search
  English  ▼

X  

LTC6910 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6910
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6910 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6910 Datasheet HTML 6Page - Analog Devices LTC6910 Datasheet HTML 7Page - Analog Devices LTC6910 Datasheet HTML 8Page - Analog Devices LTC6910 Datasheet HTML 9Page - Analog Devices LTC6910 Datasheet HTML 10Page - Analog Devices LTC6910 Datasheet HTML 11Page - Analog Devices LTC6910 Datasheet HTML 12Page - Analog Devices LTC6910 Datasheet HTML 13Page - Analog Devices LTC6910 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1990-10
10
Rev 0
For more information www.analog.com
PIN FUNCTIONS
REF: Reference Input. Sets the output level when the dif-
ference between the inputs is zero.
–IN: Inverting Input. Connects a 1MΩ resistor divider
to the op amp’s inverting input. Designed to permit high
voltage operation.
+IN: Noninverting Input. Connects a 1MΩ resistor divider
to the op amp’s noninverting input. Designed to permit
high voltage operation.
V–: Negative Power Supply. Can be either ground (in single
supply applications) or a negative voltage (in split supply
applications).
NC: Not internally connected. May be tied to any pin or
floated.
OUT: Output. VOUT = 10 • (V+IN – V–IN) + VREF.
V+: Positive Power Supply. Can range from 2.7V to 36V
above the V– voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Transient Response
Large Signal Transient Response
Input Common Mode Voltage
Transient Response
50µs/DIV
1990 G28
VS = ±15V
VREF = GND
NO LOAD
50µs/DIV
1990 G29
VS = ±15V
RL = 10k
VREF = GND
20µs/DIV
1990 G30
–15
–5
5
15
–20
–10
0
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com