Electronic Components Datasheet Search
  English  ▼

X  

TA7804AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA7804AF
Description  1 A Three-Terminal Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7804AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA7804AF Datasheet HTML 2Page - Toshiba Semiconductor TA7804AF Datasheet HTML 3Page - Toshiba Semiconductor TA7804AF Datasheet HTML 4Page - Toshiba Semiconductor TA7804AF Datasheet HTML 5Page - Toshiba Semiconductor TA7804AF Datasheet HTML 6Page - Toshiba Semiconductor TA7804AF Datasheet HTML 7Page - Toshiba Semiconductor TA7804AF Datasheet HTML 8Page - Toshiba Semiconductor TA7804AF Datasheet HTML 9Page - Toshiba Semiconductor TA7804AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
8
接合部温度
Tj (°C)
I B – Tj
6
5
3
1
0
4
−50
150
0
50
TA7805AF:
VIN = 10 V
IOUT = 0 A
100
2
接合部温度
Tj (°C)
I B – Tj
−50
150
0
50
100
TA7809AF:
VIN = 14 V
IOUT = 0 A
6
5
3
1
0
4
2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
入力電圧 VIN (V)
TA7805LS:
IOUT=0A,
Tj=25℃
I B – VIN
入力電圧
VIN (V)
TA7805AF:
IOUT=0A,
Tj=25℃
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
入力電圧 VIN (V)
TA7809LS:
IOUT=0A,
Tj=25℃
I B – VIN
入力電圧
VIN (V)
TA7809AF:
IOUT=0A,
Tj=25℃
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
Junction temperature Tj (°C)
接合部温度
Tj (°C)
VD – Tj
−50
150
0
50
100
TA78xxAF
IOUT = 1 A
0.2A
0A
0
0.5
3.0
1.0
2.0
2.5
1.5
Junction temperature Tj (°C)
0
0.5
3.0
1.0
2.0
2.5
出力電流
IOUT (A)
VD – I OUT
0.6
Tj =
−40 °C
125
0
1.0
0.2
0.4
0.8
1.5
25
TA78xxAF
85
Output current IOUT (A)
6
5
3
1
0
4
2
6
5
3
1
0
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com