Electronic Components Datasheet Search
  English  ▼

X  

TA7804AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA7804AF
Description  1 A Three-Terminal Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7804AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA7804AF Datasheet HTML 1Page - Toshiba Semiconductor TA7804AF Datasheet HTML 2Page - Toshiba Semiconductor TA7804AF Datasheet HTML 3Page - Toshiba Semiconductor TA7804AF Datasheet HTML 4Page - Toshiba Semiconductor TA7804AF Datasheet HTML 5Page - Toshiba Semiconductor TA7804AF Datasheet HTML 6Page - Toshiba Semiconductor TA7804AF Datasheet HTML 7Page - Toshiba Semiconductor TA7804AF Datasheet HTML 8Page - Toshiba Semiconductor TA7804AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
3
TA78033AF
Electrical Characteristics
(CIN = 0.33 μF, COUT = 0.1 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 8.3 V, IOUT = 100 mA
3.168
3.300
3.432
Output voltage
VOUT
5.8V <= VIN <= 13.3 V, 5 mA <= I OUT <= 1 A
3.135
3.300
3.465
V
Line regulation
Reg・line
5.8 V <= VIN <= 13.3 V, I OUT = 500 mA
―
5
50
mV
Load regulation
Reg・load
VIN = 8.3 V, 5 mA <= I OUT <= 1 A
―
5
50
mV
Quiescent current
I B
VIN = 8.3 V, IOUT = 5 mA,
―
3
8
mA
Quiescent current change
ΔI B
5.8 V <= VIN <= 13.3 V, I OUT = 5 mA
―
―
1.3
mA
Output noise voltage
VNO
VIN = 8.3 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
―
50
―
μVrms
Ripple rejection
R.R.
6.3 V <= VIN ≤ 13.3 V, I OUT = 50 mA
f = 120 Hz
―
67
―
dB
Dropout voltage
VD
I OUT = 1 A
―
2
―
V
Average temperature coefficient of
output voltage
TCVO
VIN = 8.3 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
―
±0.33
―
mV/°C
TA7804AF
Electrical Characteristics
(CIN = 0.33 μF, COUT = 0.1 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 9 V, I OUT = 100 mA
3.84
4.00
4.16
Output voltage
VOUT
6.5 V <= VIN <= 14 V, 5 mA <= I OUT <= 1 A,
3.8
4.0
4.2
V
Line regulation
Reg・line
6.5 V <= VIN <= 14 V, I OUT = 500 A
―
10
50
mV
Load regulation
Reg・load
VIN = 9 V, 5 mA <= I OUT <= 1 A
―
10
50
mV
Quiescent current
I B
VIN = 9 V, I OUT = 5 mA,
―
3
8
mA
Quiescent current change
ΔI B
6.5 V <= VIN <= 14 V, I OUT = 5 mA
―
―
1.3
mA
Output noise voltage
VNO
VIN = 9 V, I OUT = 50 mA
10 Hz <= f <= 100 kHz
―
50
―
μVrms
Ripple rejection
R.R.
7 V <= VIN ≤ 14 V, I OUT = 50 mA
f = 120 Hz
―
66
―
dB
Dropout voltage
VD
I OUT = 1 A
―
2
―
V
Average temperature coefficient of
output voltage
TCVO
VIN = 9 V, I OUT = 5 mA,
0°C <= Tj <= 125°C
―
±0.4
―
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com