Electronic Components Datasheet Search
  English  ▼

X  

TA7804AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7804AF
Description  1 A Three-Terminal Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7804AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7804AF Datasheet HTML 1Page - Toshiba Semiconductor TA7804AF Datasheet HTML 2Page - Toshiba Semiconductor TA7804AF Datasheet HTML 3Page - Toshiba Semiconductor TA7804AF Datasheet HTML 4Page - Toshiba Semiconductor TA7804AF Datasheet HTML 5Page - Toshiba Semiconductor TA7804AF Datasheet HTML 6Page - Toshiba Semiconductor TA7804AF Datasheet HTML 7Page - Toshiba Semiconductor TA7804AF Datasheet HTML 8Page - Toshiba Semiconductor TA7804AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA78033AF, TA7804AF, TA7805AF,
TA7807AF, TA7808AF, TA7809AF
1 A Three-Terminal Positive Voltage Regulator
The TA78***AF series consists of fixed-positive-output voltage
regulator ICs capable of sourcing current of up to 1A.
Features
•
Maximum output current: 1 A
•
Output voltage: 3.3 / 4.0 / 5.0 / 7.0 / 8.0 / 9.0 V
•
Output voltage accuracy: VOUT ± 4% (@Tj = 25°C)
•
Protection function: over current protection /thermal shutdown /safe operating area(SOA)
•
Package type: New PW-Mold
Pin Assignment
Marking
Note: The “***” in the each product number is replaces with the output voltage of each product.
How to Order(Note1)
Product No.
Package
Package Type and Capacity
TA78**AF (TE16L1,NQ
TA78***AF (TE16L1NQ
New PW-Mold: Surface-mount
Tape (2000 pcs/reel)
Note 1: The “**” in each pro-forma product number is replaced with the output voltage of each product.
Weight : 0.36 g (typ.)
1
OUT
Marking side
3
2
GND
IN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Product No. (or abbreviation code)
1
2
78***AF
3


Similar Part No. - TA7804AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78005AP TOSHIBA-TA78005AP Datasheet
961Kb / 18P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78006AP TOSHIBA-TA78006AP Datasheet
961Kb / 18P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78007AP TOSHIBA-TA78007AP Datasheet
961Kb / 18P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78008AP TOSHIBA-TA78008AP Datasheet
961Kb / 18P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78009AP TOSHIBA-TA78009AP Datasheet
961Kb / 18P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - TA7804AF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com