Electronic Components Datasheet Search
  English  ▼

X  

TAR5S21 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TAR5S21
Description  Point Regulators (Low-Dropout Regulator)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S21 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TAR5S21 Datasheet HTML 9Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 10Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 11Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 12Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 13Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 14Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 15Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 16Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
13
Input voltage VIN (V)
(TAR5S32)
IB – VIN
Input voltage VIN (V)
(TAR5S33)
IB – VIN
0
5
10
0
5
10
15
IOUT = 150 mA
100
50
1
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF
Pulse width
= 1 ms
Input voltage VIN (V)
(TAR5S45)
IB – VIN
0
5
10
0
5
10
15
IOUT = 150 mA
100
50
1
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF
Pulse width
= 1 ms
Input voltage VIN (V)
(TAR5S50)
IB – VIN
CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF
Pulse width
= 1 ms
0
5
10
0
5
10
15
IOUT = 150 mA
100
50
1
0
5
10
0
5
10
15
IOUT = 150 mA
100
50
1
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF
Pulse width
= 1 ms
Input voltage VIN (V)
(TAR5S35)
IB – VIN
CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF
Pulse width
= 1 ms
0
5
10
0
5
10
15
IOUT = 150 mA
100
50
1
Input voltage VIN (V)
(TAR5S48)
IB – VIN
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF
Pulse width
= 1 ms
0
5
10
0
5
10
15
IOUT = 150 mA
100
50
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com