Electronic Components Datasheet Search
  English  ▼

X  

TAR5S21 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TAR5S21
Description  Point Regulators (Low-Dropout Regulator)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S21 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TAR5S21 Datasheet HTML 1Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 2Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
3
TAR5S15~TAR5S22
Electrical Characteristic (unless otherwise specified, VIN = VOUT + 1 V, IOUT = 50 mA,
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table.
Line regulation
Reg・line
VOUT + 1 V <= VIN <= 15 V,
IOUT = 1 mA
⎯
3
15
mV
Load regulation
Reg・load
1 mA <= IOUT <= 150 mA
⎯
25
75
mV
IB1
IOUT = 0 mA
⎯
170
⎯
Quiescent current
IB2
IOUT = 50 mA
⎯
550
850
μA
Stand-by current
IB (OFF)
VCT = 0 V
⎯
⎯
0.1
μA
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz,
CNOISE = 0.01 μF, Ta = 25°C
⎯
30
⎯
μVrms
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
⎯
100
⎯
ppm/°C
Input voltage
VIN
⎯
2.4
⎯
15
V
Ripple rejection
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
CNOISE = 0.01 μF, f = 1 kHz,
VRipple = 500 mVp-p, Ta = 25°C
⎯
70
⎯
dB
Control voltage (ON)
VCT (ON)
⎯
1.5
⎯
VIN
V
Control voltage (OFF)
VCT (OFF)
⎯
⎯
⎯
0.4
V
Control current (ON)
ICT (ON)
VCT = 1.5 V
⎯
3
10
μA
Control current (OFF)
ICT (OFF)
VCT = 0 V
⎯
0
0.1
μA
TAR5S23~TAR5S50
Electrical Characteristic (unless otherwise specified, VIN = VOUT + 1 V, IOUT = 50 mA,
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table.
Line regulation
Reg・line
VOUT + 1 V <= VIN <= 15 V,
IOUT = 1 mA
⎯
3
15
mV
Load regulation
Reg・load
1 mA <= IOUT <= 150 mA
⎯
25
75
mV
IB1
IOUT = 0 mA
⎯
170
⎯
Quiescent current
IB2
IOUT = 50 mA
⎯
550
850
μA
Stand-by current
IB (OFF)
VCT = 0 V
⎯
⎯
0.1
μA
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz,
CNOISE = 0.01 μF, Ta = 25°C
⎯
30
⎯
μVrms
Dropout volatge
VIN − VOUT IOUT = 50 mA
⎯
130
200
mV
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
⎯
100
⎯
ppm/°C
Input voltage
VIN
⎯
VOUT
+ 0.2 V
⎯
15
V
Ripple rejection
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
CNOISE = 0.01 μF, f = 1 kHz,
VRipple = 500 mVp-p, Ta = 25°C
⎯
70
⎯
dB
Control voltage (ON)
VCT (ON)
⎯
1.5
⎯
VIN
V
Control voltage (OFF)
VCT (OFF)
⎯
⎯
⎯
0.4
V
Control current (ON)
ICT (ON)
VCT = 1.5 V
⎯
3
10
μA
Control current (OFF)
ICT (OFF)
VCT = 0 V
⎯
0
0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com