Electronic Components Datasheet Search
  English  ▼

X  

TAR5S21 Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TAR5S21
Description  Point Regulators (Low-Dropout Regulator)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S21 Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TAR5S21 Datasheet HTML 15Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 16Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 17Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 18Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 19Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 20Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 21Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 22Page - Toshiba Semiconductor TAR5S21 Datasheet HTML 23Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
21
Ambient temperature Ta (°C)
PD – Ta
−40
0
0
40
120
80
100
200
300
400
①
Circuit board material: glass epoxy,
Circuit board dimention:
30 mm
× 30 mm,
pad area: 50 mm
2 (t = 0.8 mm)
②
Unit
②
①
Frequency f (Hz)
VN – f
VIN = VOUT + 1 V, IOUT = 10 mA, CIN = 1 μF,
COUT = 10 μF, CNOISE = 0.01 μF,
10 Hz
< f < 100 kHz, Ta = 25°C
10
1
0.1
0.01
0.001
10
100
1 k
10 k
100 k
Frequency f (Hz)
Ripple Rejection – f
0
10
20
60
70
80
30
40
50
10
100
1 k
10 k
100 k
1000 k
VIN = VOUT + 1 V, IOUT = 10 mA, CIN = 1 μF,
COUT = 10 μF, CNOISE = 0.01 μF,
VRipple = 500 mVp-p, Ta = 25°C
TAR5S15 (1.5 V)
TAR5S30 (3.0 V)
TAR5S50 (5.0 V)
TAR5S45 (4.5 V)
TAR5S35 (3.5 V)
TAR5S25 (2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com