Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi SoC Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200MOD Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA16200MOD Datasheet HTML 10Page - Renesas Technology Corp DA16200MOD Datasheet HTML 11Page - Renesas Technology Corp DA16200MOD Datasheet HTML 12Page - Renesas Technology Corp DA16200MOD Datasheet HTML 13Page - Renesas Technology Corp DA16200MOD Datasheet HTML 14Page - Renesas Technology Corp DA16200MOD Datasheet HTML 15Page - Renesas Technology Corp DA16200MOD Datasheet HTML 16Page - Renesas Technology Corp DA16200MOD Datasheet HTML 17Page - Renesas Technology Corp DA16200MOD Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Ultra Low Power Wi-Fi SoC Module
R19DS0151EK0370 Revision 3.7
Sept 20, 2024
CFR0011-120-00
Page 14
6.
Power-on Sequence
The sequence after the initial switching from power-off to power-on is shown in Figure 6. The RTC_PWR_KEY of
DA16200 is a pin that enables the RTC block. When RTC_PWR_KEY is enabled after VBAT power is supplied,
all the internal regulators are switched on automatically in the sequence pre-defined by the RTC block.
When RTC_PWR_KEY is switched on, LDOs for both XTAL and digital I/O are switched on shortly and then the
DCDC regulator is switched on according to the pre-defined interval. The enabling intervals can also be modified
in the register settings after initial power-up.
CLK_32K
VBAT
POWER_KEY
T2
T3
IO Voltage
T1
50% VBAT
50% IO
T0
50% VBAT
Figure 6. Power-on sequence
Table 15: Power-on sequence timing requirements
Name
Description
Min
Typ
Max
Unit
T0
VBAT power-on time from 10% to 90 % of VBAT
-
-
ms
T1
IO voltage and VCC supply
-
0
-
ms
T2
RTC_PWR_KEY switch-on time from 50% VBAT to 50%
POWER_KEY * (Note 1)
-
5*T0
-
ms
T3
Internal RC oscillator wake-up time
-
217
-
µs
Note 1
If the T0 = 10 ms to switch on VBAT, the recommended T2 is 50 ms for the safe booting operation. It can be
externally controlled by MCU, or it can be implemented using the RC filter at the input of RTC_PWR_KEY.
The recommended C value is 470 nF or 1
μF (not to exceed 1 μF) and R value is chosen to have T2 delay. For
example, R and C values will be 82 kΩ and 1 μF when T0 = 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com