Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi SoC Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200MOD Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA16200MOD Datasheet HTML 1Page - Renesas Technology Corp DA16200MOD Datasheet HTML 2Page - Renesas Technology Corp DA16200MOD Datasheet HTML 3Page - Renesas Technology Corp DA16200MOD Datasheet HTML 4Page - Renesas Technology Corp DA16200MOD Datasheet HTML 5Page - Renesas Technology Corp DA16200MOD Datasheet HTML 6Page - Renesas Technology Corp DA16200MOD Datasheet HTML 7Page - Renesas Technology Corp DA16200MOD Datasheet HTML 8Page - Renesas Technology Corp DA16200MOD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Ultra Low Power Wi-Fi SoC Module
R19DS0151EK0370 Revision 3.7
Sept 20, 2024
CFR0011-120-00
Page 2
• General Hardware CRC engine
• Hardware zeroing function for fast booting
• Pseudo random number generator (PRNG)
▪ Complete software stack
• Comprehensive networking software stack
• Provide TCP/IP stack in the form of network socket
APIs
▪ Advanced security
• Secure booting
• Secure debugging using JTAG/SWD and UART
ports
• Secure asset storage
▪ Built-in hardware crypto engines for advanced
security
• TLS/DTLS security protocol functions
• Crypto engine for key deliberate generic security
functions: AES (128, 192, 256), DES/3DES,
SHA1/224/256, RSA, DH, ECC, CHACHA, and
TRNG
▪ Power management unit
• On-Chip RTC
• Wake-up control of fast booting or full booting with
minimal initialization time
• Support three ultra-low power sleep modes
• 32-Mbit/4-MB
▪ External clock source
• 40 MHz crystal (± 25 ppm) for master clock (initial
+ temp + aging)
• 32.768 kHz crystal (± 250 ppm) for RTC clock
▪ Supply
• Operating voltage: 2.1 V to 3.6 V (typical: 3.3 V)
• 2 Digital I/O Supply Voltage: 1.8 V/3.3 V
• Black-out and brown-out detector
▪ Module dimensions
• 13.8 mm × 22.1 mm x 3.3 mm, 37 Pins
▪ Operating temperature range
• -40 °C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com