Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi SoC Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200MOD Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA16200MOD Datasheet HTML 17Page - Renesas Technology Corp DA16200MOD Datasheet HTML 18Page - Renesas Technology Corp DA16200MOD Datasheet HTML 19Page - Renesas Technology Corp DA16200MOD Datasheet HTML 20Page - Renesas Technology Corp DA16200MOD Datasheet HTML 21Page - Renesas Technology Corp DA16200MOD Datasheet HTML 22Page - Renesas Technology Corp DA16200MOD Datasheet HTML 23Page - Renesas Technology Corp DA16200MOD Datasheet HTML 24Page - Renesas Technology Corp DA16200MOD Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Ultra Low Power Wi-Fi SoC Module
R19DS0151EK0370 Revision 3.7
Sept 20, 2024
CFR0011-120-00
Page 21
Table 17: Typical reflow profile (lead free): J-STD-020C
Profile feature
Lead free SMD
Average ramp up rate (Tsmax to Tp)
3
°C/s Max.
Preheat
▪ Temperature Min (Tsmin)
▪ Temperature Max (Tsmax)
▪ Time (Tsmax to Tsmin)
▪ 150 °C
▪ 200 °C
▪ 60 to 180 seconds
Time maintained above
▪ Temperature (TL)
▪ Time (tL)
▪ 217 °C
▪ 60 to 150 seconds
Peak/Classification temperature (Tp)
260
°C
Time within 5
°C of peak temperature (tp)
20 to 40 seconds
Ramp down rate
6
°C/s Max.
Time from 25
°C to peak temperature
8 minutes Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com