Electronic Components Datasheet Search
  English  ▼

X  

HCT Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # HCT
Description  HCT Series - High Clearance and Creepage Distance Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HCT Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  HCT Datasheet HTML 1Page - Bourns Electronic Solutions HCT Datasheet HTML 2Page - Bourns Electronic Solutions HCT Datasheet HTML 3Page - Bourns Electronic Solutions HCT Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCT Series - High Clearance and Creepage Distance Transformers
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Electrical Specifications @ 25 °C
Bourns
Part Number**
Primary
Inductance
@ 100 kHz
Leakage
Inductance
@ 100 kHz /
0.1 V
(All Sec. Pins
Shorted)
Turns
Ratio
P(1-3) :
S(6-4)
Pri. (1-3)
DCR (W)
Max.
Sec. (6-4)
DCR (W)
Max.
UL
Recognition
L 1-3 (µH)
Min.
Lk 1-3 (µH)
Max.
HCTSM80101AAL
250
0.8
1 : 1
0.30
0.20
3
HCTSM80102AAL
250
0.6
1 : 2
0.30
0.35
3
HCTSM80201AAL
250
1.2
2 : 1
0.30
0.15
3
HCTSM80304BAL
300
0.6
3 : 4
0.30
0.30
HCTSM80305BAL
300
0.6
3 : 5
0.30
0.30
HCTSM80308BAL
300
0.7
3 : 8
0.50
0.85
HCTSM80403AAL
250
0.8
4 : 3
0.30
0.20
3
HCTSM80803AAL
250
1.8
8 : 3
0.30
0.15
3
HCTSM80809AAL
250
0.6
8 : 9
0.30
0.25
3
HCTSM80910BAL
300
0.9
9 : 10
0.30
0.25
HCTSM81017CAL
350
0.9
10 : 17
0.42
0.48
Primary (1-3) E*T Constant..11 V-µS min.
Rated Current.......................350 mA AC
Hi-Pot: Primary/Secondary
............................5K Vdc, 60 seconds
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
................................-40 °C to +125 °C
Clearance/Creepage Distance
of Primary to Secondary........8 mm min.
Level of Insulation......... Reinforced for a
working voltage of 800 Vrms,
1000 Vpeak, Material Group 1,
Overvoltage Category II, Pollution
degree 2, Altitude 2000 m
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
General Specifications
Core..............................................Ferrite
Wire ... Enameled/triple-insulated copper
Terminal Finish ...................................Sn
Packaging....... 500 pcs. per 13-inch reel
Materials
Electrical Schematic
6
5
4
POLARITY
1
PRIMARY
SECONDARY
2
3
Recommended Layout
Product Dimensions
DIMENSIONS:
MM
(INCHES)
12.3 ± 0.5
(.484 ± .020)
15.2 ± 0.5
(.598 ± .020)
1
2
3
6
5
4
0.6
(.024)
3.05 ± 0.25
(.120 ± .010)
6.5 ± 0.5
(.256 ± .020)
3.05
(.120)
1.14
(.045)
11.31
(.445)
1.9
(.075)
10.8 ± 0.4
(.425 ± .016)
0.3
(.012)
REF.
12.3 ± 0.5
(.484 ± .020)
15.2 ± 0.5
(.598 ± .020)
1
2
3
6
5
4
0.6
(.024)
3.05 ± 0.25
(.120 ± .010)
6.5 ± 0.5
(.256 ± .020)
3.05
(.120)
1.14
(.045)
11.31
(.445)
1.9
(.075)
10.8 ± 0.4
(.425 ± .016)
0.3
(.012)
REF.
**Add E or E1 part number suffix - See How to Order.
Features
n
Toroid core for high coupling and low
radiation
n
Complies with IEC 60950-1, IEC 62368-1
and IEC 60664-1
n
UL 62368-1 recognized,
File No. E515965 (six models)
n
Reinforced insulation for working voltage
of 800 Vrms, 1000 Vpeak
n
Designed for isolation power supplies
using TI SN6501 and SN6505B
n
AEC-Q200 compliant
n
RoHS compliant*
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT


Similar Part No. - HCT

ManufacturerPart #DatasheetDescription
logo
Magnelab.
HCT-0010-005 MAGNELAB-HCT-0010-005 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-010 MAGNELAB-HCT-0010-010 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-020 MAGNELAB-HCT-0010-020 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-025 MAGNELAB-HCT-0010-025 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-050 MAGNELAB-HCT-0010-050 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
More results

Similar Description - HCT

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACNV260E AVAGO-ACNV260E Datasheet
147Kb / 10P
2mm DTI, 10MBd Digital Optocoupler 13mm creepage and clearance
logo
Asahi Kasei Microsystem...
CZ-3700 AKM-CZ-3700 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3706 AKM-CZ-3706 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3A07 AKM-CZ-3A07 Datasheet
1Mb / 21P
Clearance/Creepage 8mm 3.3V Output Accurate Coreless Current Sensor
CZ-3AG1 AKM-CZ-3AG1 Datasheet
1Mb / 21P
Clearance/Creepage 8mm 3V Output Accurate Coreless Current Sensor
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
logo
Asahi Kasei Microsystem...
CZ-3701 AKM-CZ-3701_V01 Datasheet
1Mb / 17P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com