Electronic Components Datasheet Search
  English  ▼

X  

HCT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # HCT
Description  HCT Series - High Clearance and Creepage Distance Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HCT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  HCT Datasheet HTML 1Page - Bourns Electronic Solutions HCT Datasheet HTML 2Page - Bourns Electronic Solutions HCT Datasheet HTML 3Page - Bourns Electronic Solutions HCT Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCT Series - High Clearance and Creepage Distance Transformers
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Reflow Solder Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
245-250 °C
Time within 5 °C of Actual Peak Temperature (tp) 20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
TP
TP
tp
ts
TTO
RAMP-UP
L
TL
t L
TMAX.
S
TMIN.
25 °C
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Typical Application
4
51
2
3
D1
VCC
D2
GND
SN6501-Q1
GND
T1
MBR0520L
MBR0520L
TP1
VOUT
VIN
1 µF
1 µF
How to Order
HCTSM80101A A L - *
Model
AEC-Q200 Compliancy Designator
RoHS Compliancy Designator
Tape & Reel Packaging
E = 500 pcs. per 13-inch Reel,
5 Reels per Box,
MOQ/Mult: 2500 pcs./2500 pcs.
E1 = 500 pcs. per 13-inch Reel,
1 Reel per Box,
MOQ/Mult: 500 pcs./500 pcs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com