Electronic Components Datasheet Search
  English  ▼

X  

HCT Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # HCT
Description  HCT Series - High Clearance and Creepage Distance Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HCT Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  HCT Datasheet HTML 1Page - Bourns Electronic Solutions HCT Datasheet HTML 2Page - Bourns Electronic Solutions HCT Datasheet HTML 3Page - Bourns Electronic Solutions HCT Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HCT Series - High Clearance and Creepage Distance Transformers
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Efficiency vs. Load Curves*
*Measured with circuit in Typical Application, 5 VDC input, 0-350 mA DC load, Ta = 20 °C
90
80
70
60
50
40
30
20
10
0
050
100
150
200
250
300
350
Load Current (mA)
HCTSM80101AAL
90
80
70
60
50
40
30
20
10
0
050
100
150
200250
300350
Load Current (mA)
HCTSM80305BAL
90
80
70
60
50
40
30
20
10
0
050
100
150
200250
300350
Load Current (mA)
HCTSM80102AAL
90
80
70
60
50
40
30
20
10
0
050100
150200
250300
350
Load Current (mA)
HCTSM80809AAL
90
80
70
60
50
40
30
20
10
0
050100
150200
250300
350
Load Current (mA)
HCTSM80910BAL
90
80
70
60
50
40
30
20
10
0
050100
150200
250300
350
Load Current (mA)
HCTSM81017CAL
80
70
60
50
40
30
20
10
0
050
100
150
200
250
300
350
Load Current (mA)
HCTSM80201AAL
90
80
70
60
50
40
30
20
10
0
050
100
150
200
250
300
350
Load Current (mA)
HCTSM80304BAL
90
80
70
60
50
40
30
20
10
0
050
100
150
200250
300350
Load Current (mA)
HCTSM80308BAL
90
80
70
60
50
40
30
20
10
0
050
100
150
200250
300350
Load Current (mA)
HCTSM80403AAL
70
60
50
40
30
20
10
0
050
100
150
200250
300350
Load Current (mA)
HCTSM80803AAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com