Electronic Components Datasheet Search
  English  ▼

X  

CD4029 Datasheet(PDF) 5 Page - SYC Electronica

Part # CD4029
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4029 Datasheet(HTML) 5 Page - SYC Electronica

  CD4029 Datasheet HTML 1Page - SYC Electronica CD4029 Datasheet HTML 2Page - SYC Electronica CD4029 Datasheet HTML 3Page - SYC Electronica CD4029 Datasheet HTML 4Page - SYC Electronica CD4029 Datasheet HTML 5Page - SYC Electronica CD4029 Datasheet HTML 6Page - SYC Electronica CD4029 Datasheet HTML 7Page - SYC Electronica CD4029 Datasheet HTML 8Page - SYC Electronica CD4029 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications CD4029BMS
Minimum Preset Enable
Pulse Width
TW
VDD = 5V
1, 2, 3
+25oC
-
130
ns
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. From Up/Down, Binary/Decode, Carry In, or Preset Enable Control Inputs to Clock Edge.
5. If more than one unit is cascaded in the parallel clocked application, tr CL should be made
≤ the sum of the fixed propagation delay at
15pF and the transition time of the carry output driving stage for the estimated capacitive load. This measurement was made with a de-
coupling capacitor (>1
µF) between VDD and VSS.
6. From Carry In to Clock Edge.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
± 1.0µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com