Electronic Components Datasheet Search
  English  ▼

X  

CD4029 Datasheet(PDF) 11 Page - SYC Electronica

Part # CD4029
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4029 Datasheet(HTML) 11 Page - SYC Electronica

Back Button CD4029 Datasheet HTML 3Page - SYC Electronica CD4029 Datasheet HTML 4Page - SYC Electronica CD4029 Datasheet HTML 5Page - SYC Electronica CD4029 Datasheet HTML 6Page - SYC Electronica CD4029 Datasheet HTML 7Page - SYC Electronica CD4029 Datasheet HTML 8Page - SYC Electronica CD4029 Datasheet HTML 9Page - SYC Electronica CD4029 Datasheet HTML 10Page - SYC Electronica CD4029 Datasheet HTML 11Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CD4029BMS
Timing Diagrams (Continued)
FIGURE 13. CASCADING COUNTER PACKAGES
(Continued)
Chip Dimensions and Pad Layout
RIPPLE CLOCKING MODE:
THE UP/DOWN CONTROL CAN BE CHANGED AT ANY COUNT. THE ONLY
RESTRICTION ON CHANGING THE UP/DOWN CONTROL IS THAT THE CLOCK
INPUT TO THE FIRST COUNTING STAGE MUST BE HIGH. FOR CASCADING
COUNTERS OPERATING IN A FIXED UP-COUNT OR DOWN-COUNT MODE,
THE OR GATES ARE NOT REQUIRED BETWEEN STAGES, AND CO IS CON-
NECTED DIRECTLY TO THE CL INPUT OF THE NEXT STAGE WITH CI
GROUNDED.
UP/D
B/D
PE
CL Q1 Q2 Q3 Q4
CI
CO
J1 J2 J3 J4
CD4029
UP/D
B/D
PE
CL Q1 Q2 Q3 Q4
CI
CO
J1 J2 J3 J4
CD4029
UP/D
B/D
PE
CL Q1 Q2 Q3 Q4
CI
CO
J1 J2 J3 J4
CD4029
UP/DOWN
PRESET
ENABLE
CLOCK
BINARY/
DECADE
1/4 CD4071B
1/4 CD4071B
“RIPPLE CLOCKING”
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com