Electronic Components Datasheet Search
  English  ▼

X  

CD4029 Datasheet(PDF) 1 Page - SYC Electronica

Part # CD4029
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4029 Datasheet(HTML) 1 Page - SYC Electronica

  CD4029 Datasheet HTML 1Page - SYC Electronica CD4029 Datasheet HTML 2Page - SYC Electronica CD4029 Datasheet HTML 3Page - SYC Electronica CD4029 Datasheet HTML 4Page - SYC Electronica CD4029 Datasheet HTML 5Page - SYC Electronica CD4029 Datasheet HTML 6Page - SYC Electronica CD4029 Datasheet HTML 7Page - SYC Electronica CD4029 Datasheet HTML 8Page - SYC Electronica CD4029 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CD4029
CMOS Presettable Up/Down Counter
Description
CD4029BMS consists of a four-stage binary or BCD-decade up/
down counter with provisions for look-ahead carry in both count-
ing modes. The inputs consist of a single CLOCK, CARRY-IN
(CLOCK ENABLE), BINARY/DECADE, UP/DOWN, PRESET
ENABLE, and four individual JAM signals. Q1, Q2, Q3, Q4 and a
CARRY OUT signal are provided as outputs.
A high PRESET ENABLE signal allows information on the JAM
INPUTS to preset the counter to any state asynchronously with
the clock. A low on each JAM line, when the PRESET-ENABLE
signal is high, resets the counter to its zero count. The counter is
advanced one count at the positive transition of the clock when
the CARRY-IN and PRE-SET ENABLE signals are low.
Advancement is inhibited when the CARRY-IN or PRESET
ENABLE signals are high. The CARRY-OUT signal is normally
high and goes low when the counter reaches its maximum count
in the UP mode or the minimum count in the DOWN mode pro-
vided the CARRY-IN signal is low. The CARRY-IN signal in the
low state can thus be considered a CLOCK ENABLE. The
CARRY-IN terminal must be connected to VSS when not in use.
Binary counting is accomplished when the BINARY/DECADE
input is high; the counter counts in the decade mode when the
BINARY/DECADE input is low. The counter counts up when the
UP/DOWN input is high, and down when the UP/DOWN input is
low. Multiple packages can be connected in either a parallel-
clocking or a ripple-clocking arrangement as shown in Figure 17.
Parallel clocking provides synchronous control and hence faster
response from all counting outputs. Ripple-clocking allows for
longer clock input rise and fall times.
The CD4029BMS is supplied in these 16-lead outline packages:
Braze Seal DIP
H4X
Frit Seal DIP
H1F
Ceramic Flatpack H6W
Features
• High-Voltage Type (20V Rating)
• Medium Speed Operation: 8MHz (Typ.) at CL = 50pF
and VDD - VSS = 10V
• Multi-Package Parallel Clocking for Synchronous High
Speed Output Response or Ripple Clocking for Slow
Clock Input Rise and Fall Times
• “Preset Enable” and Individual “Jam” Inputs Provided
• Binary or Decade Up/Down Counting
• BCD Outputs in Decade Mode
• 100% Tested for Maximum Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age-Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Stan-
dards No. 13B, “Standard Specifications for Descrip-
tion of “B” Series CMOS Device’s
Applications
• Programmable Binary and Decade Counting/Fre-
quency Synthesizers-BCD Output
• Analog to Digital and Digital to Analog Conversion
• Up/Down Binary Counting
• Difference Counting
• Magnitude and Sign Generation
• Up/Down Decade Counting
Pinout
CD4029BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PRESET ENABLE
Q4
JAM 4
JAM 1
CARRY IN
Q1
VSS
CARRY OUT
VDD
Q3
JAM 3
JAM 2
Q2
UP/DOWN
BINARY/DECADE
CLOCK
Functional Diagram
13
12
16
PRESET
ENABLE
14
3
1234
JAM INPUTS
VDD
CARRY IN
(CLOCK
ENABLE)
5
9
10
15
BINARY/
DECADE
UP/DOWN
CLOCK
8
VSS
7
2
14
11
6 Q1
Q2
Q3
Q4
CARRY
OUT
BUFFERED
OUTPUTS
www.sycelectronica.com.ar


Similar Part No. - CD4029

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029 TI-CD4029 Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
CD4029 FAIRCHILD-CD4029 Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Intersil Corporation
CD4029 INTERSIL-CD4029 Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
More results

Similar Description - CD4029

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL4029B SLS-SL4029B Datasheet
84Kb / 8P
Presettable Up/Down Counter
SL4516B SLS-SL4516B Datasheet
66Kb / 6P
Presettable Up/Down Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com